Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1MF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GS1MF
Description  SURFACE MOUNT RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1MF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GS1MF Datasheet HTML 1Page - Pan Jit International Inc. GS1MF Datasheet HTML 2Page - Pan Jit International Inc. GS1MF Datasheet HTML 3Page - Pan Jit International Inc. GS1MF Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
January 30,2012-REV.00
GS1GF SERIES
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability Classification
94V-O
• Low Forward Drop
• High temperature soldering : 260
oC/10 seconds at terminals
• Glass Passivated Chip Junction
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMAF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity : Color band denotes cathode end
SURFACE MOUNT RECTIFIER
NOTES :
1. Mounted on 48cm
2
FR-4 PCB.
VOLTAGE
400-1000 Volts
1 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cathode
Anode
PARAME T E R
S YMBO L
GS1 G F
GS 1 J F
G S 1 KF
G S 1MF
UNIT S
Re c urr e nt P e a k Re ve rs e Vo lta g e
V
RRM
40 0
6 00
8 0 0
100 0
V
RMS Vo lta g e
V
RMS
28 0
4 20
5 6 0
7 00
V
DC Blo c k i ng Vo ltag e
V
R
40 0
6 00
8 0 0
100 0
V
A ver age F o r wa rd C urr ent
I
F(AV )
1.0
A
P e ak F o r wa rd S urg e C urr ent : 8 .3ms s i ng le ha lf s i ne -wave
s uper i mpo s e d on ra te d lo ad (J E D E C me tho d )
I
FSM
30
A
F o r wa r d Vo ltag e at 1.0 A
V
F
1.1
V
D C Re ve r s e C urr ent at Ra te d
DC Blo c k i ng Vo ltag e
T
J =2 5
OCI
R
1.0
μA
Typ i ca l Junc ti o n ca p a c i ta nc e
V R=4 V,1 MHZ
C
J
7p F
Typi c a l Ther ma l Re s i s ta nc e ,J unc ti o n to Le ad ( Note 1)
J unc ti o n to A mb i e nt ( No te 1 )
R
θJL
R
θJA
20
83
OC / W
O p e ra ti ng J unc ti o n Te mp er ature and S to ra ge Te mp er ature Ra ng e
T
J ,T STG
- 55 to + 150
OC


Similar Part No. - GS1MF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS1MF ETC2-GS1MF Datasheet
525Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Electronics ...
GS1MF CHENDA-GS1MF Datasheet
627Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
GS1MF SUNMATE-GS1MF Datasheet
516Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
logo
Zibo Seno Electronic En...
GS1MF ZSELEC-GS1MF Datasheet
149Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1MF-AU PANJIT-GS1MF-AU Datasheet
146Kb / 5P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - GS1MF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com