Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH18502A-EP Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVTH18502A-EP
Description  3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTH18502A-EP Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVTH18502A-EP Datasheet HTML 1Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 2Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 3Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 4Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 5Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 6Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 7Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 8Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
SN74LVTH18502AEP, SN74LVTH182502AEP
3.3V ABT SCAN TEST DEVICES
WITH 18BIT UNIVERSAL BUS TRANSCEIVERS
SCAS744A − DECEMBER 2003 − REVISED JUNE 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree
D Members of the Texas Instruments
SCOPE
 Family of Testability Products
D Members of the Texas Instruments
Widebus
 Family
D State-of-the-Art 3.3-V ABT Design Supports
Mixed-Mode Signal Operation (5-V Input
and Output Voltages With 3.3-V VCC)
D Support Unregulated Battery Operation
Down to 2.7 V
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D UBT  (Universal Bus Transceiver)
Combines D-Type Latches and D-Type
Flip-Flops for Operation in Transparent,
Latched, or Clocked Mode
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup Resistors
D B-Port Outputs of SN74LVTH182502A
Device Have Equivalent 25-
Ω Series
Resistors, So No External Resistors Are
Required
D Compatible With the IEEE Standard
1149.1-1990 (JTAG) Test Access Port and
Boundary-Scan Architecture
D SCOPE  Instruction Set
− IEEE Standard 1149.1-1990 Required
Instructions and Optional CLAMP and
HIGHZ
− Parallel-Signature Analysis at Inputs
− Pseudorandom Pattern Generation From
Outputs
− Sample Inputs/Toggle Outputs
− Binary Count From Outputs
− Device Identification
− Even-Parity Opcodes
description/ordering information
The SN74LVTH18502A and SN74LVTH182502A scan test devices, with 18-bit universal bus transceivers, are
members of the Texas Instruments SCOPE
 testability integrated-circuit family. This family of devices supports
IEEE Standard 1149.1-1990 boundary scan to facilitate testing of complex circuit-board assemblies. Scan
access to the test circuitry is accomplished via the 4-wire test access port (TAP) interface.
Additionally, these devices are designed specifically for low-voltage (3.3-V) VCC operation, but with the
capability to provide a TTL interface to a 5-V system environment.
In the normal mode, these devices are 18-bit universal bus transceivers that combine D-type latches and D-type
flip-flops to allow data flow in transparent, latched, or clocked modes. They can be used either as two 9-bit
transceivers or one 18-bit transceiver. The test circuitry can be activated by the TAP to take snapshot samples
of the data appearing at the device pins or to perform a self test on the boundary-test cells. Activating the TAP
in the normal mode does not affect the functional operation of the SCOPE universal bus transceivers.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
LQFP − PM
Tape and reel
8V18502AIPMREP
LH18502AEP
−40
°C to 85°C
LQFP − PM
Tape and reel
8V182502AIPMREP§
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
at www.ti.com/sc/package.
§ Product Preview
Copyright
 2004, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
SCOPE, Widebus, and UBT are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74LVTH18502A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH18502A TI-SN74LVTH18502A Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502A TI-SN74LVTH18502A Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502APM TI-SN74LVTH18502APM Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502APM TI-SN74LVTH18502APM Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502APMG4 TI-SN74LVTH18502APMG4 Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN74LVTH18502A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH18512 TI-SN54LVTH18512_07 Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18512 TI-SN54LVTH18512 Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A_08 Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVT18512 TI-SN54LVT18512 Datasheet
588Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVT182502 TI1-SN74LVT182502 Datasheet
509Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512-EP TI1-SN74LVTH18512-EP Datasheet
684Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI-SN54LVTH18504A Datasheet
544Kb / 35P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI1-SN54LVTH18504A_12 Datasheet
881Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI-SN54LVTH18514 Datasheet
548Kb / 34P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com