Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41693A8227Q009 Datasheet(PDF) 8 Page - EPCOS

Part # B41693A8227Q009
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41693A8227Q009 Datasheet(HTML) 8 Page - EPCOS

Back Button B41693A8227Q009 Datasheet HTML 4Page - EPCOS B41693A8227Q009 Datasheet HTML 5Page - EPCOS B41693A8227Q009 Datasheet HTML 6Page - EPCOS B41693A8227Q009 Datasheet HTML 7Page - EPCOS B41693A8227Q009 Datasheet HTML 8Page - EPCOS B41693A8227Q009 Datasheet HTML 9Page - EPCOS B41693A8227Q009 Datasheet HTML 10Page - EPCOS B41693A8227Q009 Datasheet HTML 11Page - EPCOS B41693A8227Q009 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
150
°C
A
∇ Variant with different case dimensions
VR = 25 V DC
470
160
260
1900
140
102
4.2
3.6
2.8
1.95
1.0
1000
80
130
900
75
55
6.2
5.3
4.2
2.9
1.4
1500
55
85
600
50
39
8.6
7.4
5.8
4.0
2.0
1800
45
70
600
40
30
9.5
8.2
6.4
4.45
2.2
2000
45
70
500
42
26
9.2
7.9
6.2
4.3
4.1
3000
27
43
450
25
21
13.7
11.8
9.2
6.4
3.2
4000
20
33
320
20
16
17.3
14.9
11.7
8.0
4.0
VR = 40 V DC
330
200
320
2500
150
140
4.3
3.7
2.9
2.0
1.0
470
140
220
1700
110
102
5.2
4.5
3.5
2.45
1.2
680
100
160
1200
80
75
6.1
5.2
4.1
2.85
1.4
1000
65
110
700
57
55
8.4
7.2
5.7
3.9
1.9
1000
70
115
700
65
62
6.6
5.7
4.5
3.1
1.5
1200
52
85
600
45
44
9.3
8.0
6.3
4.35
2.2
1500
48
75
500
45
43
9.2
7.9
6.2
4.3
2.1
2200
30
50
450
26
26
13.6
11.7
9.2
6.3
6.1
2700
24
40
330
21
21
17.1
14.7
11.5
7.9
3.9
VR = 63 V DC
100
430
700
3300
230
215
3.7
3.2
2.5
1.7
0.85
220
200
320
1700
110
102
5.3
4.6
3.6
2.5
1.25
330
130
220
1200
80
75
6.2
5.3
4.2
2.9
1.45
470
90
150
900
55
52
8.5
7.3
5.7
4.0
2.0
560
72
120
630
45
44
9.5
8.1
6.4
4.4
2.2
680
67
110
550
45
44
9.2
7.9
6.2
4.3
2.1
1000
43
70
440
27
27
13.7
11.8
9.2
6.4
3.2
1200
35
58
380
22
22
17.1
14.7
11.5
8.0
4.0
VR = 75 V DC
100
380
600
3000
200
190
4.0
3.5
2.7
1.85
0.9
220
180
300
1500
100
95
6.0
5.1
4.0
2.8
1.4
470
85
140
700
50
48
9.2
7.9
6.2
4.3
2.1
470
80
135
720
45
44
9.5
8.2
6.4
4.4
2.2
680
55
95
500
30
30
13.4
11.5
9.0
6.2
3.1
1000
40
65
350
22
22
17.2
14.8
11.6
8.0
4.0
B41693, B41793
Up to 150
°C
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41693A8227Q009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41693A8227Q009 EPCOS-B41693A8227Q009 Datasheet
426Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B41693A8227Q009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com