Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41791A7278Q000 Datasheet(PDF) 8 Page - EPCOS

Part # B41791A7278Q000
Description  Aluminum electrolytic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41791A7278Q000 Datasheet(HTML) 8 Page - EPCOS

Back Button B41791A7278Q000 Datasheet HTML 4Page - EPCOS B41791A7278Q000 Datasheet HTML 5Page - EPCOS B41791A7278Q000 Datasheet HTML 6Page - EPCOS B41791A7278Q000 Datasheet HTML 7Page - EPCOS B41791A7278Q000 Datasheet HTML 8Page - EPCOS B41791A7278Q000 Datasheet HTML 9Page - EPCOS B41791A7278Q000 Datasheet HTML 10Page - EPCOS B41791A7278Q000 Datasheet HTML 11Page - EPCOS B41791A7278Q000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
150
°C
A
∇ Variant with different case dimensions
VR = 25 V DC
330
175
290
1600
150
150
4.8
4.3
3.4
2.1
1.05
470
125
210
1200
110
102
5.1
4.6
3.7
2.2
1.1
1000
65
110
550
60
55
7.3
6.5
5.2
3.2
1.6
1500
44
73
370
42
39
10.1
9.0
7.2
4.4
2.2
1500
42
69
370
38
35
10.5
9.4
7.5
4.6
2.3
1800
35
58
300
32
30
11.3
10.1
8.1
4.9
2.4
2000
31
50
270
28
26
14.2
12.7
10.2
6.2
3.1
3000
22
37
180
22
21
16.1
14.3
11.5
7.0
3.5
4000
17
29
135
17
16
20.2
18
14.5
8.8
4.4
VR = 40 V DC
330
150
240
1250
115
105
5.3
4.8
3.8
2.3
1.15
470
110
170
900
85
77
6.4
5.7
4.6
2.8
1.4
680
80
120
600
65
60
7.3
6.5
5.2
3.1
1.5
1000
55
80
410
45
41
10.0
8.9
7.2
4.3
2.1
1000
52
77
410
40
37
10.3
9.2
7.4
4.5
2.2
1200
37
55
320
35
33
11.2
10.0
8.0
4.9
2.4
1500
35
53
270
27
25
14.2
12.7
10.2
6.2
3.1
2200
26
39
185
21
20
16.1
14.3
11.5
7.0
3.5
2700
21
30
150
18
17
20.1
17.9
14.4
8.7
4.3
VR = 63 V DC
100
350
550
1900
160
150
4.7
4.2
3.3
2.0
1.0
150
240
380
1300
115
110
5.1
4.5
3.6
2.2
1.1
220
165
260
900
80
76
6.5
5.8
4.6
2.8
1.4
470
80
120
410
42
40
10.1
9.0
7.2
4.4
2.2
470
77
114
410
38
36
10.5
9.3
7.5
4.5
2.3
560
65
95
320
34
33
11.3
10.1
8.1
4.9
2.4
680
54
80
280
27
25
14.3
12.8
10.3
6.2
3.1
1000
38
56
200
21
20
16.1
14.3
11.5
7.0
3.5
1200
32
47
160
17
16
20.1
18.0
14.4
8.8
4.4
B41691, B41791
Long useful life
up to 150
°C
Page 8 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41791A7278Q000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41791A7278Q001 TDK-B41791A7278Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41791A7278Q001 TDK-B41791A7278Q001 Datasheet
614Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41791A7278Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com