Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR08BT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MCR08BT1
Description  SCR 0.8 AMPERE RMS 200 thru 600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MCR08BT1 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Thyristor Device Data
SOT 223 SCR
Silicon Controlled Rectifiers
Reverse Blocking Triode Thyristors
PNPN devices designed for line powered consumer applications such as relay and
lamp drivers, small motor controls, gate drivers for larger thyristors, and sensing and
detection circuits. Supplied in surface mount package for use in automated
manufacturing.
• Sensitive Gate Trigger Current
• Blocking Voltage to 600 Volts
• Glass Passivated Surface for Reliability and Uniformity
• Surface Mount Package
• Devices Supplied on 1 K Reel
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Forward and Reverse Blocking Voltage(1)
(1/2 Sine Wave, RGK = 1000 Ω, TJ = 25 to 110°C)
MCR08BT1
MCR08DT1
MCR08MT1
VDRM, VRRM
200
400
600
Volts
On-State Current RMS (TC = 80°C)
IT(RMS)
0.8
Amps
Peak Non-repetitive Surge Current
(One Full Cycle, 60 Hz, TC = 25°C)
ITSM
10
Amps
Peak Non-repetitive Surge Current
(One Full Cycle, 60 Hz, TC = 25°C)
ITSM
10
Amps
Circuit Fusing Considerations (t = 8.3 ms)
I2t
0.4
A2s
Peak Gate Power, Forward, TA = 25°C
PGM
0.1
Watts
Average Gate Power (TC = 80°C, t = 8.3 ms)
PG(AV)
0.01
Watts
Operating Junction Temperature Range
TJ
–40 to +110
°C
Storage Temperature Range
Tstg
–40 to +150
°C
Maximum Device Temperature for Soldering Purposes (for 10 Seconds Maximum)
TL
260
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
PCB Mounted per Figure 1
R
θJA
156
°C/W
Thermal Resistance, Junction to Tab
Measured on Anode Tab Adjacent to Epoxy
R
θJT
25
°C/W
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate
voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant source such
that the voltage ratings of the devices are exceeded.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MCR08BT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MCR08BT1
Series
SCR
0.8 AMPERE RMS
200 thru 600 Volts
CASE 318E-04
(SOT-223)
STYLE 10
*Motorola preferred devices
*
REV 1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn