Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR08BT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MCR08BT1
Description  SCR 0.8 AMPERE RMS 200 thru 600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MCR08BT1 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MCR08BT1 Series
4
Motorola Thyristor Device Data
80
20
–40
–20
0
40
60
110
80
20
–40
–20
0
40
60
110
1000
100
1.0
0.7
1000
10
0.1
IGT, GATE TRIGGER CURRENT (µA)
1.0
100
TJ, JUNCTION TEMPERATURE (°C)
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
VAK = 7.0 V
RL = 140 Ω
TJ = 25°C
10
2.0
1.0
0
TJ, JUNCTION TEMPERATURE, (°C)
TJ, JUNCTION TEMPERATURE, (°C)
0.7
0.6
0.5
0.4
80
20
–40
–20
0
40
60
110
0.3
1.0
0.1
0.01
100
0.1
0.0001
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
1.0
0.5
0.3
0.2
0.1
0
0.9
0.8
0.7
0.5
0.4
0.3
0.2
0.1
0.4
0.6
Figure 8. Power Dissipation
Figure 9. Thermal Response Device
Mounted on Figure 1 Printed Circuit Board
t, TIME (SECONDS)
dc
180
°
α = 30°
60
°
0
0.001
0.01
1.0
10
RGK = 1000 Ω, RESISTOR
CURRENT INCLUDED
WITHOUT GATE RESISTOR
VAK = 7.0 V
RL = 140 Ω
α
α = CONDUCTION
ANGLE
VAK = 7.0 V
RL = 3.0 k
RGK = 1.0 k
90
°
120
°
Figure 10. Typical Gate Trigger Voltage
versus Junction Temperature
Figure 11. Typical Normalized Holding Current
versus Junction Temperature
Figure 12. Typical Range of VGT
versus Measured IGT
Figure 13. Typical Gate Trigger Current
versus Junction Temperature
VAK = 7.0 V
RL = 140 Ω
RGK = 1.0 kΩ


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn