Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM72F6ADG12 Datasheet(PDF) 6 Page - Motorola, Inc

Part No. MCM72F6ADG12
Description  512KB and 1MB Synchronous Fast Static RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72F6ADG12 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM72F6ADG12 Datasheet HTML 2Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 3Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 4Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 5Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 6Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 7Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 8Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 9Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MCM72F6A
•MCM72F7A
6
MOTOROLA FAST SRAM
ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS = 0 V)
Rating
Symbol
Value
Unit
Power Supply Voltage
VDD
– 0.5 to + 4.6
V
Voltage Relative to VSS
Vin, Vout
– 0.5 to + 6.0
V
Output Current (per I/O)
Iout
± 20
mA
Power Dissipation
MCM72F6A
MCM72F7A
PD
4.6
9.2
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Storage Temperature
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, – 5%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Operating Voltage Range)
VDD
3.135
3.6
V
Input High Voltage
VIH
2.0
5.5**
V
Input Low Voltage
VIL
– 0.5*
0.8
V
*VIL ≥ – 2.0 V for t ≤ tKHKH/2.
** VIH ≤ 6 V for tKHKH/2.
DC CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(I)
± 1.0
µA
Output Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(O)
± 1.0
µA
Output Low Voltage (IOL = + 8.0 mA)
VOL
0.4
V
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
V
POWER SUPPLY CURRENTS
Parameter
Symbol
Min
Max
Unit
AC Supply Current (Device Selected, All Outputs Open,
MCM72F6ADG9
Cycle Time
≥ tKHKH min)
MCM72F6ADG10
MCM72F6ADG12
MCM72F7ADG9
MCM72F7ADG10
MCM72F7ADG12
IDDA
900
860
840
1800
1720
1680
mA
CMOS Standby Supply Current (Deselected,
MCM72F6ADG9
Clock (K) Cycle Time
≥ tKHKH, All Inputs Toggling at
MCM72F6ADG10
CMOS Levels Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V)
MCM72F6ADG12
MCM72F7ADG9
MCM72F7ADG10
MCM72F7ADG912
ISB1
440
400
380
880
800
760
mA
Clock Running Supply Current (Deselected,
MCM72F6ADG9
Clock (K) Cycle Time
≥ tKHKH, All Other Inputs
MCM72F6ADG10/12
Held to Static CMOS Levels Vin ≤ VSS + 0.2 V
MCM72F7ADG9
or
≥ VDD – 0.2 V)
MCM72F7ADG10/12
ISB2
160
140
320
280
mA
MCM72F6A CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 0 to 70°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Typ
Max
Unit
Input Capacitance
W, K
Other Inputs
Cin
16
36
pF
I/O Capacitance
CI/O
19
pF
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maximum
rated voltages to this high–impedance circuit.
This BiCMOS memory circuit has been
designed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established.
This device contains circuitry that will ensure
the output devices are in High–Z at power up.


Similar Part No. - MCM72F6ADG12

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG10 MOTOROLA-MCM72F6DG10 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG12 MOTOROLA-MCM72F6DG12 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG9 MOTOROLA-MCM72F6DG9 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
More results

Similar Description - MCM72F6ADG12

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM36F6 MOTOROLA-MCM36F6 Datasheet
118Kb / 10P
   256KB and 512KB Synchronous Fast Static RAM Module
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
   2MB and 4MB Synchronous Fast Static RAM Module
MCM4464 MOTOROLA-MCM4464 Datasheet
103Kb / 8P
   1MB R4000 Secondary Cache Fast Static RAM Module Set
Weida Semiconductor, Inc.
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
   1Mb x 16 Pseudo Static RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
   32K x 32 SYNCHRONOUS FAST STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz