Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM72F6ADG12 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MCM72F6ADG12
Description  512KB and 1MB Synchronous Fast Static RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72F6ADG12 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM72F6ADG12 Datasheet HTML 1Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 2Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 3Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 4Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 5Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 6Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 7Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 8Page - Motorola, Inc MCM72F6ADG12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MCM72F6A
•MCM72F7A
5
MOTOROLA FAST SRAM
PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
72, 155, 71, 154, 70, 152,
68, 151, 67, 149, 65, 148,
64, 146, 62, 145
A0 – A15
Input
Synchronous Address Inputs: These inputs are registered and must meet
setup and hold times.
156
ADSP
Input
Synchronous Addresss Status Controller: Initiates read, write, or chip
deselect cycle.
134, 44, 121, 31,
105, 15, 92, 86
DP0 – DP7
Synchronous Parity Data Inputs/Outputs.
140, 56, 139, 55, 137, 53,
136, 52, 50, 133, 49, 131,
47, 130, 46, 128, 127, 43,
125, 41, 124, 40, 122, 38,
37, 119, 35, 118, 34, 116,
32, 115, 111, 27, 110, 26,
108, 24, 107, 23, 21, 104,
20, 102, 18, 101, 17, 99,
98, 14, 96, 12, 95, 11, 93,
9, 8, 90, 6, 89, 5, 87, 3, 2
DQ0 – DQ63
I/O
Synchronous Data Inputs/Outputs.
167, 83
E0, E1
Input
Synchronous Chip Enable: Active low to enable chip. Negated high —
deselects chip when ADSP is asserted. E1 is only used on 1MB module.
166, 82
G0, G1
Input
Asynchronous Output Enable Input:
Low — enables output buffer.
High — DQx pins are high impedance.
G1 is only used on 1MB module.
158, 74, 113, 29
K0 – K3
Input
Clock: This signal registers the address, data in, and all control signals
except G0 and G1.
164, 80, 163, 79, 161,
77, 160, 76
W0 – W7
Input
Synchronous Byte Write Inputs.
4, 16, 33, 45, 57, 69, 94,
106, 123, 135, 147, 165
VDD
Supply
Power Supply: 3.3 V + 10%, – 5%. Must be connected on all modules.
1, 7, 10, 13, 19, 22, 25, 28,
30, 36, 39, 42, 48, 51, 54, 60,
63, 66, 73, 75, 78, 81, 84, 85,
88, 91, 97, 100, 103, 109,
112, 114, 117, 120, 126, 129,
132, 138, 141, 144, 150, 153,
157, 159, 162, 168
VSS
Supply
Ground.
58, 59, 61, 142, 143
NC
No Connection: There is no connection to the chip.
DATA RAM MCM69F618A SYNCHRONOUS TRUTH TABLE (See Notes 1, 2, 3, and 4)
Next Cycle
Address Used
Ex
ADSP
Gx
DQx
WRITE
Deselect
None
1
0
X
High–Z
X
Begin Read
External Address
0
0
0
DQ
Read
Read
Current
X
1
1
High–Z
Read
Read
Current
X
1
0
DQ
Read
Begin Write
External
0
0
X
High–Z
Write
Write
Current
X
1
X
High–Z
Write
NOTES:
1. X = don’t care, 1 = logic high, 0 = logic low.
2. Write is defined as any Wx low.
3. G is an asynchronous signal and is not sampled by the clock K. G drives the bus immediately (tGLQX) following G going low.
4. On write cycles that follow read cycles, G must be negated prior to the start of the write cycle to ensure proper write data setup times. G must
also remain negated at the completion of the write cycle to ensure proper write data hold times.


Similar Part No. - MCM72F6ADG12

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG10 MOTOROLA-MCM72F6DG10 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG12 MOTOROLA-MCM72F6DG12 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG9 MOTOROLA-MCM72F6DG9 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
More results

Similar Description - MCM72F6ADG12

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM36F6 MOTOROLA-MCM36F6 Datasheet
118Kb / 10P
   256KB and 512KB Synchronous Fast Static RAM Module
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
   2MB and 4MB Synchronous Fast Static RAM Module
MCM4464 MOTOROLA-MCM4464 Datasheet
103Kb / 8P
   1MB R4000 Secondary Cache Fast Static RAM Module Set
Weida Semiconductor, Inc.
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
   1Mb x 16 Pseudo Static RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
   32K x 32 SYNCHRONOUS FAST STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz