Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3301 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3301
Description  Quad Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3301 Datasheet(HTML) 2 Page - Texas Instruments

  LM3301 Datasheet HTML 1Page - Texas Instruments LM3301 Datasheet HTML 2Page - Texas Instruments LM3301 Datasheet HTML 3Page - Texas Instruments LM3301 Datasheet HTML 4Page - Texas Instruments LM3301 Datasheet HTML 5Page - Texas Instruments LM3301 Datasheet HTML 6Page - Texas Instruments LM3301 Datasheet HTML 7Page - Texas Instruments LM3301 Datasheet HTML 8Page - Texas Instruments LM3301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM2900/LM3900/LM3301
Quad Amplifiers
General Description
The LM2900 series consists of four independent, dual input,
internally compensated amplifiers which were designed spe-
cifically to operate off of a single power supply voltage and to
provide a large output voltage swing. These amplifiers make
use of a current mirror to achieve the non-inverting input
function. Application areas include: ac amplifiers, RC active
filters, low frequency triangle, squarewave and pulse wave-
form generation circuits, tachometers and low speed, high
voltage digital logic gates.
Features
n
Wide single supply voltage:
4 V
DC to 32 VDC
Range or dual supplies:
±2V
DC to ±16 VDC
n
Supply current drain independent of supply voltage
n
Low input biasing current:
30 nA
n
High open-loop gain:
70 dB
n
Wide bandwidth:
2.5 MHz (unity gain)
n
Large output voltage swing:
(V
+ − 1) Vp-p
n
Internally frequency compensated for unity gain
n
Output short-circuit protection
Schematic and Connection Diagrams
DS007936-1
Dual-In-Line and S.O.
DS007936-2
Top View
Order Number LM2900N, LM3900M, LM3900N or
LM3301N
See NS Package Number M14A or N14A
April 1998
© 1998 National Semiconductor Corporation
DS007936
www.national.com
1
PrintDate=1998/04/29 PrintTime=11:07:21 39954 ds007936 Rev. No. 3
cmserv
Proof
1


Similar Part No. - LM3301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3301 NSC-LM3301 Datasheet
323Kb / 20P
   LM2900/LM3900/LM3301 Quad Amplifiers
LM3301N NSC-LM3301N Datasheet
323Kb / 20P
   LM2900/LM3900/LM3301 Quad Amplifiers
More results

Similar Description - LM3301

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
GTM CORPORATION
GHLM324 GTM-GHLM324 Datasheet
421Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324 Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
LM2058 UTC-LM2058 Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM324_1111 UTC-LM324_1111 Datasheet
208Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2011
LM324 UTC-LM324_17 Datasheet
193Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
2017
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
   Quad Operational Amplifiers
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324_08 Datasheet
114Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
2008 - Ver. 1.0
logo
Siemens Semiconductor G...
TAA4765 SIEMENS-TAA4765 Datasheet
155Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com