Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM72F6ADG10 Datasheet(PDF) 7 Page - Motorola, Inc

Part No. MCM72F6ADG10
Description  512KB and 1MB Synchronous Fast Static RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72F6ADG10 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM72F6ADG10 Datasheet HTML 2Page - Motorola, Inc MCM72F6ADG10 Datasheet HTML 3Page - Motorola, Inc MCM72F6ADG10 Datasheet HTML 4Page - Motorola, Inc MCM72F6ADG10 Datasheet HTML 5Page - Motorola, Inc MCM72F6ADG10 Datasheet HTML 6Page - Motorola, Inc MCM72F6ADG10 Datasheet HTML 7Page - Motorola, Inc MCM72F6ADG10 Datasheet HTML 8Page - Motorola, Inc MCM72F6ADG10 Datasheet HTML 9Page - Motorola, Inc MCM72F6ADG10 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MCM72F6A
•MCM72F7A
7
MOTOROLA FAST SRAM
MCM72F7A CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 0 to 70 °C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Typ
Max
Unit
Input Capacitance
W, K
E, G
Other Inputs
Cin
22
36
60
pF
I/O Capacitance
CI/O
28
pF
MASS (Periodically Sampled Rather Than 100% Tested)
Parameter
Max
Unit
MCM72F6A
16
g
MCM72F7A
20
g
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, – 5%, TA = 0 to 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
1 V/ns (20 to 80%)
. . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 1 Unless Otherwise Noted
. . . . . . . . . . . . . .
DATA RAMs READ/WRITE CYCLE TIMING (See Notes 1, 2, 3, and 4)
P
Sb l
MCM72F6A–9
MCM72F7A–9
MCM72F6A–10
MCM72F7A–10
MCM72F6A–12
MCM72F7A–12
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
12
15
16.6
ns
Clock High Pulse Width
tKHKL
4
5
6
ns
Clock Low Pulse Width
tKLKH
4
5
6
ns
Clock Access Time
tKHQV
9
10
12
ns
Output Enable to Output Valid
tGLQV
5
5
6
ns
Clock High to Output Active
tKHQX1
0
0
0
ns
5
Clock High to Output Change
tKHQX2
3
3
3
ns
5
Output Enable to Output Active
tGLQX
0
0
0
ns
5
Output Disable to Q–High–Z
tGHQZ
5
5
6
ns
5, 6
Clock High to Q–High–Z
tKHQZ
3
5
3
5
3
6
ns
5, 6
Setup Times
Address
ADSP
Data In
Write
Chip Enable
tAVKH
tADKH
tDVKH
tWVKH
tEVKH
2.5
2.5
2.5
ns
Hold Times:
Address
ADSP, ADSC, ADV
Data In
Write
Chip Enable
tKHAX
tKHADX
tKHDX
tKHWX
tKHEX
0.5
0.5
0.5
ns
NOTES:
1. In setup and hold times, write refers to any Wx low.
2. Chip Enable is defined as Ex low, whenever ADSP is asserted.
3. All read and write cycle timings are referenced from K or G.
4. G is a don’t care after write cycle begins. To prevent bus contention, G should be negated prior to start of write cycle.
5. This parameter is sampled and not 100% tested.
6. Measured at
± 200 mV from steady state.


Similar Part No. - MCM72F6ADG10

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG10 MOTOROLA-MCM72F6DG10 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG12 MOTOROLA-MCM72F6DG12 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG9 MOTOROLA-MCM72F6DG9 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
More results

Similar Description - MCM72F6ADG10

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM36F6 MOTOROLA-MCM36F6 Datasheet
118Kb / 10P
   256KB and 512KB Synchronous Fast Static RAM Module
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
   2MB and 4MB Synchronous Fast Static RAM Module
MCM4464 MOTOROLA-MCM4464 Datasheet
103Kb / 8P
   1MB R4000 Secondary Cache Fast Static RAM Module Set
Weida Semiconductor, Inc.
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
   1Mb x 16 Pseudo Static RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
   32K x 32 SYNCHRONOUS FAST STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz