Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM139-SP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM139-SP
Description  QUAD DIFFERENTIAL COMPARATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM139-SP Datasheet(HTML) 1 Page - Texas Instruments

  LM139-SP Datasheet HTML 1Page - Texas Instruments LM139-SP Datasheet HTML 2Page - Texas Instruments LM139-SP Datasheet HTML 3Page - Texas Instruments LM139-SP Datasheet HTML 4Page - Texas Instruments LM139-SP Datasheet HTML 5Page - Texas Instruments LM139-SP Datasheet HTML 6Page - Texas Instruments LM139-SP Datasheet HTML 7Page - Texas Instruments LM139-SP Datasheet HTML 8Page - Texas Instruments LM139-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2OUT
1OUT
VCC
1IN−
1IN+
2IN−
2IN+
OUT3
OUT4
GND
4IN+
4IN−
3IN+
3IN−
(TOP VIEW)
J PACKAGE
LM139-SP, LM139A-SP
www.ti.com
SCLS720C
– NOVEMBER 2010 – REVISED MARCH 2011
QUAD DIFFERENTIAL COMPARATOR
Check for Samples: LM139-SP, LM139A-SP
1
FEATURES
Common-Mode Input Voltage Range Includes
Ground
QML-V Qualified, SMD 5962-7700801VCA,
5962-9673802VCA and 5962-9673802V9B
Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage:
±36 V
Rad-Tolerant: 40 kRad/sec (Si) TID
(5962-9673802VCA and 5962-9673802V9B) (1)
Low Output Saturation Voltage
– TID Dose Rate = 0.01 rad/sec (Si)
Output Compatible With TTL, MOS, and CMOS
Wide Supply Ranges
– Single Supply: 2 V to 36 V
(Tested to 30 V)
– Dual Supplies: ±1 V to ±18 V
(Tested to
±15 V)
Low Supply-Current Drain Independent of
Supply Voltage: 0.8 mA (Typ)
Low Input Bias Current: 25 nA (Typ)
Low Input Offset Current: 3 nA (Typ) (LM139)
Low Input Offset Voltage: 2 mV (Typ)
(1)
Radiation tolerance is a typical value based upon initial device
qualification with dose rate = 0.01 rad/sec. Radiation lot
acceptance testing is available - contact factory for details.
DESCRIPTION/ORDERING INFORMATION
These devices consist of four independent voltage comparators that are designed to operate from a single power
supply over a wide range of voltages. Operation from dual supplies also is possible, as long as the difference
between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode
voltage. Current drain is independent of the supply voltage. The outputs can be connected to other
open-collector outputs to achieve wired-AND relationships.
The LM139 and LM139A are characterized for operation over the full military temperature range of
–55°C to
125
°C.
Table 1. ORDERING INFORMATION(1)
VIOmax
TA
MAX VCC
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
AT 25
°C
5 mV
30 V
LM139
5962-7700801VCA
5962-7700801VCA
J
–55°C to 125°C
2 mV
30 V
LM139A
5962-9673802VCA(3)
5962-9673802VCA
2 mV
30 V
KGD
5962-9673802V9B(3)
N/A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
Radiation tolerant
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM139-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139-SP TI-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139-SP TI-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139-SP TI1-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results

Similar Description - LM139-SP

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
   Quad Differential Comparator
logo
Texas Instruments
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com