Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM118H/883 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM118H/883
Description  LM118QML Operational Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM118H/883 Datasheet(HTML) 2 Page - Texas Instruments

  LM118H/883 Datasheet HTML 1Page - Texas Instruments LM118H/883 Datasheet HTML 2Page - Texas Instruments LM118H/883 Datasheet HTML 3Page - Texas Instruments LM118H/883 Datasheet HTML 4Page - Texas Instruments LM118H/883 Datasheet HTML 5Page - Texas Instruments LM118H/883 Datasheet HTML 6Page - Texas Instruments LM118H/883 Datasheet HTML 7Page - Texas Instruments LM118H/883 Datasheet HTML 8Page - Texas Instruments LM118H/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LM118QML
Operational Amplifier
General Description
The LM118 is a precision high speed operational amplifier
designed for applications requiring wide bandwidth and high
slew rate. It features a factor of ten increase in speed over
general purpose devices without sacrificing DC perfor-
mance.
The LM118 has internal unity gain frequency compensation.
This considerably simplifies its application since no external
components are necessary for operation. However, unlike
most internally compensated amplifiers, external frequency
compensation may be added for optimum performance. For
inverting applications, feed forward compensation will boost
the slew rate to over 150V/µs and almost double the band-
width. Overcompensation can be used with the amplifier for
greater stability when maximum bandwidth is not needed.
Further, a single capacitor can be added to reduce the 0.1%
settling time to under 1 µs.
The high speed and fast settling time of this op amp makes
it useful in A/D converters, oscillators, active filters, sample
and hold circuits, or general purpose amplifiers. This device
is easy to apply and offers an order of magnitude better AC
performance than industry standards such as the LM709.
Features
n
15 MHz small signal bandwidth
n
Guaranteed 50V/µs slew rate
n
Maximum bias current of 250 nA
n
Operates from supplies of ±5V to ±20V
n
Internal frequency compensation
n
Input and output overload protected
n
Pin compatible with general purpose op amps
Ordering Information
NS Part Number
JAN Part Number
NS Package Number
Package Description
LM118H/883
H08C
8LD TO-99 Metal Can
LM118J-8/883
J08A
8LD CERDIP
LM118J/883
J14A
14LD CERDIP
LM118WG/883
WG10A
10LD Ceramic SOIC
Fast Voltage Follower
(Note 1)
20128313
Note 1: Do not hard-wire as voltage follower (R1
≥ 5kΩ)
July 2005
© 2005 National Semiconductor Corporation
DS201283
www.national.com


Similar Part No. - LM118H/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM118H/883 NSC-LM118H/883 Datasheet
597Kb / 18P
   Operational Amplifiers
logo
Texas Instruments
LM118H/883 TI1-LM118H/883 Datasheet
883Kb / 20P
[Old version datasheet]   LM118QML Operational Amplifier
More results

Similar Description - LM118H/883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM118QML TI1-LM118QML_16 Datasheet
883Kb / 20P
[Old version datasheet]   LM118QML Operational Amplifier
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com