Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10LPCV24110 Datasheet(PDF) 5 Page - Crydom Inc.,

Part # 10LPCV24110
Description  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

10LPCV24110 Datasheet(HTML) 5 Page - Crydom Inc.,

  10LPCV24110 Datasheet HTML 1Page - Crydom Inc., 10LPCV24110 Datasheet HTML 2Page - Crydom Inc., 10LPCV24110 Datasheet HTML 3Page - Crydom Inc., 10LPCV24110 Datasheet HTML 4Page - Crydom Inc., 10LPCV24110 Datasheet HTML 5Page - Crydom Inc., 10LPCV24110 Datasheet HTML 6Page - Crydom Inc., 10LPCV24110 Datasheet HTML 7Page - Crydom Inc., 10LPCV24110 Datasheet HTML 8Page - Crydom Inc., 10LPCV24110 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PCB Mount Solid State Relays - AC Output
D2W
2-3.5Amp
120/240 Vac
AC SIP
Triac Output
The D2W Series features an epoxy-coated package that provides exceptional
environmental protection. Pinouts are compatible with Series 6 and OAC type I/O
modules.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
D2W202F
24-280
.06-2.0
3-32
3
1.0
28
UL, CSA
D2W203F
24-280
.06-3.0
3-32
3
1.0
70
UL, CSA
D2W203F-11 24-280
.06-3.5
3-32
3
1.0
80
UL, CSA
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 4000 Vrms
ASO
1.5-2Amp
120/240 Vac
AC Mini-SIP
DC Control, SCR AC Switch Output
US Patent No. 5,134,094
Crydom’s ASO solid state relays are SPST-NO miniature SIP packages rated at
1.5A/2.0A. They are designed for switching highly inductive, low current loads
such as solenoids. Typical applications include: pumps, gaming, vending
machines, security systems, medical equipment and appliances.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
ASO241
12-280
.025-1.5 4-10
15
1.0
40
UL, CSA
ASO241R*
12-280
.025-1.5 4-10
15
1.0
40
UL, CSA
ASO242
12-280
.06-2.0
4-10
15
1.0
120
UL, CSA
ASO242R*
12-280
.06-2.0
4-10
15
1.0
120
UL, CSA
* R suffix denotes random turn-on.
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms
CX241
1.5Amp
120/240 Vac
AC SIP, SCR AC Switch Output
Zero Cross or Random Turn-On
US Patent No. 5,134,094
The CX241/R AC relays are SPST-NO solid state relays. Both models offer the ASO
circuit with the popular CX pinout.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
CX241
12-280
.025-1.5 4-10
15
1.0
40
UL, CSA, VDE
CX241R*
12-280
.025-1.5 4-10
15
1.0
40
UL, CSA, VDE
*R Suffix denotes random turn-on.
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 4000 Vrms
MP
3-4Amp
120/240 Vac
Triac AC Output SIP
5, 15 & 24 Volt Logic System Compatible
Available in 3Arms and 4Arms ratings, all are SPST-NO PC-mount relays that provide
greater packaging density and compatibility with pinout of Series 6 and OAC output
modules. For DC output see page 7 for the MPDCD3.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
MP120D3
12-140
.02-3.0
3-32
2.6
1.0
90
UL, CSA, VDE
MP120D4
12-140
.02-4.0
3-32
2.6
1.0
130
MP240D2
24-280
.02-2.0
3-32
2.6
1.0
50
MP240D3
24-280
.02-3.0
3-32
2.6
1.0
90
UL, CSA, VDE
MP240D4
24-280
.02-4.0
3-32
2.6
1.0
130
CSA, VDE
Operating Temperature Range: -40˚C to 80˚C Isolation Voltage: 4000 Vrms
MCX241
The MCX241/MCX241R offer the same specifications
and performance as the the CX241, the only differ-
ence is the MP style package. Add a “M” prefix to
the above part numbers for this option. Pinouts are
compatible with Series 6 and OAC type I/O modules.
MCX241 models are UL, CSA and VDE approved.
LC241, LC242
1.5 - 2.0 A
120/240 Vac
AC Mini-SIP
DC Control
The LC241/ LC242 offer the popular ASO circuit in cost effective package.
Crydom’s propretary Triac circuitry makes snubbless operation possible in most
applications.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
LC241
12-280
.025-1.5 4-10
15
1.0
80
UL, CSA
LC241R*
12-280
.025-1.5 4-10
15
1.0
80
UL, CSA
LC242
12-280
.025-2.0 4-10
15
1.0
100
UL
LC242R*
12-280
.025-2.0 4-10
15
1.0
100
UL
*R Suffix denotes random turn-on.
Operating Temperature Range: -40˚C to 80˚C Isolation Voltage: 2500 Vrms
UPD
15-25 Amp
120/240Vac
Metal Baseplate
High Surge Rating
Zero Cross or Random Turn-On
Vrms
Arms
V DC
mA
V DC
Apk
Vrms
Arms
V DC
mA
V DC
Apk
UPD2415
24-280 .15-15
3-15
10
1.0
120
UPD2415-10 24-280 .15-15
3-15
10
1.0
120
UPD2425
24-280 .15-25
3-15
10
1.0
250
UPD2425-10 24-280 .15-25
3-15
10
1.0
250
UPD2415D
24-280 .15-15
3-15
14/36
1.0
120
UPD2415D-10 24-280 .15-15
3-15
14/36
1.0
120
UPD2425D
24-280 .15-25
3-15
14/36
1.0
250
UPD2425D-10 24-280 .15-25
3-15
14/36
1.0
250
Vrms
Arms
V DC
mA
V DC
Apk
UPD2415TP
24-280 .15-15
4.5-8
14
1.0
120
UPD2415TP-10 24-280 .15-15
4.5-8
14
1.0
120
* Contact factory for availability.
** Input circuit incorporates active current limiter.
Line
Load
Control
Control
Must
Surge
Voltage Current
Voltage
Current** Release
Current
Range
Range
Range
@12Vdc
Voltage
1-Cycle
Line
Load
Control
Control
Must
Surge
Voltage Current
Voltage
Current
Release
Current
Range
Range
Range
@12Vdc
Voltage
1-Cycle
Line
Load
Control
Control
Must
Surge
Voltage Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Crydom's UPD series solid-state relays are an ideal solution for high-power
switching applications with limited panel space. Single phase, dual output, or
three phase versions are available with either PCB or quick-connect* terminals,
making
the
UPD
series
the
perfect
long-life
alternative
to
many
electromechanical relays.
Dual
3Phase
5
Other Crydom products and competitive part number cross-reference available at: www.crydom.com


Similar Part No. - 10LPCV24110

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
10L100-DO YFWDIODE-10L100-DO Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
10L100-DO-201AD YFWDIODE-10L100-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
10L100D YFWDIODE-10L100D Datasheet
774Kb / 3P
   Trench MOS Barrier Schottky Rectifier
10L100SB YFWDIODE-10L100SB Datasheet
688Kb / 3P
   Trench MOS Barrier Schottky Rectifier
10L100SB-SMBF YFWDIODE-10L100SB-SMBF Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
More results

Similar Description - 10LPCV24110

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
   Solid-state technology
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com