Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2953IN Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2953IN
Description  Adjustable Micropower Low-Dropout Voltage Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953IN Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2953IN Datasheet HTML 2Page - Texas Instruments LP2953IN Datasheet HTML 3Page - Texas Instruments LP2953IN Datasheet HTML 4Page - Texas Instruments LP2953IN Datasheet HTML 5Page - Texas Instruments LP2953IN Datasheet HTML 6Page - Texas Instruments LP2953IN Datasheet HTML 7Page - Texas Instruments LP2953IN Datasheet HTML 8Page - Texas Instruments LP2953IN Datasheet HTML 9Page - Texas Instruments LP2953IN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
All Voltage Options (Continued)
Electrical Characteristics (Continued)
Limits in standard typeface are for T
J = 25˚C, bold typeface applies over the full operating temperature range. Limits are guar-
anteed by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Unless other-
wise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, CL = 2.2 µF for 5V parts and 4.7µF for 3.3V parts. Feedback pin is tied to V
Tap pin, Output pin is tied to Output Sense pin.
Symbol
Parameter
Conditions
Typical LP2952AI, LP2953AI,
LP2952AI-3.3,
LP2953AI-3.3,
LP2953AM
(Notes 16, 17)
LP2952I, LP2953I,
LP2952I-3.3,
LP2953I-3.3
Units
Min
Max
Min
Max
I
B(FB)
Feedback Pin Bias
Current
20
40
40
nA
60
60
I
O(SINK)
Output “OFF” Pulldown
Current
(Note 9)
30
30
mA
20
20
DROPOUT DETECTION COMPARATOR
I
OH
Output “HIGH” Leakage V
OH = 30V
0.01
1
1
µA
22
V
OL
Output “LOW” Voltage
V
IN =VO(NOM) − 0.5V
I
O(COMP) = 400 µA
150
250
250
mV
400
400
V
THR
(MAX)
Upper Threshold
Voltage
(Note 14)
−60
−80
−35
−80
−35
mV
−95
−25
−95
−25
V
THR
(MIN)
Lower Threshold
Voltage
(Note 14)
−85
−110
−55
−110
−55
mV
−160
−40
−160
−40
HYST
Hysteresis
(Note 14)
15
mV
SHUTDOWN INPUT (Note 15)
V
OS
Input Offset
(Referred to V
REF)
±3
−7.5
7.5
−7.5
7.5
mV
Voltage
−10
10
−10
10
HYST
Hysteresis
6
mV
I
B
Input Bias
V
IN(S/D) = 0V to 5V
10
−30
30
−30
−50
−30
50
nA
Current
−50
50
LP2953AM
10
−30
30
−75
75
AUXILIARY COMPARATOR (LP2953 Only)
V
OS
Input Offset Voltage
(Referred to V
REF)
±3
−7.5
7.5
−7.5
−10
7.5
10
mV
−10
10
LP2953AM
±3
−7.5
7.5
−12
12
HYST
Hysteresis
6
mV
I
B
Input Bias Current
V
IN(COMP) = 0V to 5V
10
−30
30
−30
−50
30
50
nA
−50
50
LP2953AM
10
−30
30
−75
75
I
OH
Output “HIGH” Leakage V
OH = 30V
0.01
1
1
2
µA
V
IN(COMP) = 1.3V
2
LP2953AM
0.01
1
2.2
V
OL
Output “LOW” Voltage
V
IN(COMP) = 1.1V
150
250
250
400
mV
I
O(COMP) = 400 µA
400
LP2953AM
150
250
420
www.national.com
5


Similar Part No. - LP2953IN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2953IN NSC-LP2953IN Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953IN-3.3 NSC-LP2953IN-3.3 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953IN/NOPB TI1-LP2953IN/NOPB Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results

Similar Description - LP2953IN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI1-LP2952-N Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI-LP2952-N_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML-SP TI-LP2953QML-SP_15 Datasheet
718Kb / 26P
[Old version datasheet]   LP2953QML Adjustable Micropower Low-Dropout Voltage Regulators
LP2953 TI-LP2953_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
logo
National Semiconductor ...
LP2954 NSC-LP2954 Datasheet
336Kb / 13P
   5V and Adjustable Micropower Low-Dropout Voltage Regulators
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com