Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA6050 Datasheet(PDF) 4 Page - Crydom Inc.,

Part # CMA6050
Description  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CMA6050 Datasheet(HTML) 4 Page - Crydom Inc.,

  CMA6050 Datasheet HTML 1Page - Crydom Inc., CMA6050 Datasheet HTML 2Page - Crydom Inc., CMA6050 Datasheet HTML 3Page - Crydom Inc., CMA6050 Datasheet HTML 4Page - Crydom Inc., CMA6050 Datasheet HTML 5Page - Crydom Inc., CMA6050 Datasheet HTML 6Page - Crydom Inc., CMA6050 Datasheet HTML 7Page - Crydom Inc., CMA6050 Datasheet HTML 8Page - Crydom Inc., CMA6050 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PCB Mount Solid State Relays - AC Output
DPA
1Amp
120/240 Vac
16-Pin DIP
SCR AC Switch Output
Zero Cross Turn-On
Crydom's DPA solid state relays are compact 16-pin DIP packages that are ideal
for high density automated assembled printed circuit boards.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
DPA4119
20-140
.025-1.0 3.5-10
15
1.0
30
UL, CSA, TUV
DPA6119
20-280
.025-1.0 3.5-10
15
1.0
30
UL, CSA, TUV
Line
Load
Control
Must
Must
Surge
Voltage
Current
Current
Operate
Release
Current
Range
Range
Range
Current
Current
1-Cycle
Vrms
Arms
mAdc
mAdc
mAdc
Apk
DPA4111
20-140
.025-1.0 10-35
10
1.0
30
UL, CSA, TUV
DPA6111
20-280
.025-1.0 10-35
10
1.0
30
UL, CSA, TUV
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 3,750Vrms
SDV, SDI
1.5Amp
120/240 Vac
16-Pin DIP
SCR AC Switch Output
Zero Cross or Random Turn-On
The SDV/SDI solid state relays are compact 16-pin DIP packages that are ideal for
high density automated assembled printed circuit boards.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
SDV2415
12-280
.025-1.5 3.5-10
15
1.0
30
UL, CSA, TUV
SDV2415R* 12-280
.025-1.5 3.5-10
15
1.0
30
UL, CSA, TUV
Line
Load
Control
Must
Must
Surge
Voltage
Current
Current
Operate
Release
Current
Range
Range
Range
Current
Current
1-Cycle
Vrms
Arms
mAdc
mAdc
mAdc
Apk
SDI2415
12-280
.025-1.5 10-35
10
1.0
30
UL, CSA, TUV
SDI2415R* 12-280
.025-1.5 10-35
10
1.0
30
UL, CSA, TUV
* R suffix denotes random turn-on.
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 3,750Vrms
Product Index
5 ASO
7 ASPF
7 CMX
6 CX/CXE
5 CX241
6 CTX
7 DO/DMO
4 DPA
5 D2W
5 LC
6 LR
6 LS
5 MP
6 MPF
7 SPF/PF
4 SDV/SDI
7
5
SPA
UPD
pg model
3 5 7 10 12 18 20 25 40 50 60 75 80 90 100 110 125 150
11 53TP (3 Phase)
8 CSW
10 CMD/CMA
9 CWD/CWA
12 DxD
11 DC60
12 D06D
11 DUAL
8 EZ
9 H12
9 HD/HA
10 HD60/HA60
10 PRG
11 PSD
11 QUAD
8 Serie 1 A12/A24
8 Serie 1 D12/D24
9 SMR/SMR-6
12 SSC
560
55
54
03
03
02
61
35
13 CKR
13 CMR
13 HPF
13 MS11
110
0
59
07
05
54
52
01
15 CPV
14 DSD, DLD
15 LPCV
16,17 MC
15 PCV
15 RPC
14 SST
- AC Output Relays
- DC Output Relays
- Ac and DC Outputs Available
Solid State Relays - PCB Mount
Rating Amps
Solid State Relays - Panel Mount
Rating Amps
Solid State Relays - DIN rail Mount
Rating Amps
Rating Amps
Solid State Control Relays
pg model
pg model
4 DIP
pg model
1.0 1.5 2.0 3.0 3.5 4.0 5.0 6.0 8.0 10 12 15
20 25 40
DIP
1.5Amp
120/240 Vac
16-Pin DIP
SCR AC Switch Output
Zero Cross or Random Turn-On
Crydom's DIP solid state relays are compact 16-pin DIP packages that are ideal
for high density automated assembled printed circuit boards.
DIP1215
20-140
.025-1.5 10-35
10
1.0
30
CSA
DIP1215R*
20-140
.025-1.5 10-35
10
1.0
30
CSA
Line
Load
Control
Must
Must
Surge
Voltage
Current
Current
Operate
Release
Current
Range
Range
Range
Current
Current
1-Cycle
Vrms
Arms
mAdc
mAdc
mAdc
Apk
DIP2415
20-280
.025-1.5 10-35
10
1.0
30
CSA
DIP2415R*
20-280
.025-1.5 10-35
10
1.0
30
CSA
* R Suffix denotes random turn-on.
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 3,750Vrms
4
Questions? Call or e-mail
+1 (877) 502 5500
+44 (0) 1202 606030
sales@crydom.com
sales-europe@crydom.com
Americas
Europe


Similar Part No. - CMA6050

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CMA6050 CRYDOM-CMA6050 Datasheet
580Kb / 5P
   Panel Mount
CMA6050E CRYDOM-CMA6050E Datasheet
580Kb / 5P
   Panel Mount
More results

Similar Description - CMA6050

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
   Solid-state technology
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com