Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1-D Datasheet(PDF) 22 Page - Cooper Bussmann, Inc.

Part # SB1-D
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SB1-D Datasheet(HTML) 22 Page - Cooper Bussmann, Inc.

Back Button SB1-D Datasheet HTML 18Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 19Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 20Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 21Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 22Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 23Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 24Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 25Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 26Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
AD
440V ac / 15 - 90A
Sizes: 10x38, 14x51,
22x58 (cylindrical
fuses)
00 (Knife fuses)
Specifications
Description:
fuse cartridge type AD for fitting to circuit
breakers on low-voltage branch circuits.
Ratings:
Applications:
Fitting for circuit breakers in public
branch panels
Agency Information:
Conform to standards NF C 62-
921, EN IEC 60269
RoHS Compliant
Dimensions
Catalogue Numbers
Domestic Fuses
Volts: - 440V ac
Amps: - 15 - 60A (Cylindrical fuses)
- 30 - 90A (Fuse size 00)
IR - 20kA (size 10x38)
- 32kA (size 14x51, 22x58, 00)
Sizes
A
B
C
10x38
10.3
38
10
14x51
14.3
51
13
22x58
22.2
58
16
23
Size
Current
(A)
Catalogue
Number
Voltage
(V)
Unit
Packing
10x38
15
CA10D15
440V
10
14x51
30
CA14D30
22x58
15
30
45
60
CA22D15
CA22D30
CA22D45
CA22D60
0
30
45
60
90
30NH00AD
45NH00AD
60NH00AD
90NH00AD
440V
3


Similar Part No. - SB1-D

ManufacturerPart #DatasheetDescription
logo
GREATECS
SB1 GREATECS-SB1 Datasheet
287Kb / 2P
   8 mm Slide Switches
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
   15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
   15V, 1A Rectifier
SB10-03A2 SANYO-SB10-03A2 Datasheet
93Kb / 3P
   30V, 1.0A Rectifier
logo
ON Semiconductor
SB10-03A2 ONSEMI-SB10-03A2 Datasheet
724Kb / 3P
   Schottky Rectifier
July, 2013
More results

Similar Description - SB1-D

ManufacturerPart #DatasheetDescription
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
   Fuse link type CMF High voltage – fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com