Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1-D Datasheet(PDF) 47 Page - Cooper Bussmann, Inc.

Part # SB1-D
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SB1-D Datasheet(HTML) 47 Page - Cooper Bussmann, Inc.

Back Button SB1-D Datasheet HTML 43Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 44Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 45Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 46Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 47Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 48Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 49Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 50Page - Cooper Bussmann, Inc. SB1-D Datasheet HTML 51Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Ultra Fast Fuses and Holders
British Standard Fuses and Holders
Specifications
Description:
Standard British ultra-fast fuses. Possibility of
adapting side indicators and auxiliary micro-switch as
accessories.
Ratings:
Applications:
Protection of semiconductors, UPS (ASI),
rectifiers, static relays, converters etc
Standards and Approvals:
Conform to standards BS88-
4, EN IEC 60269-5, UL recognized
Dimensions:
Various fuses sizes in single or double cylin-
drical body
Volts: - 240 - 690V ac / 150 to 500V dc
Amps: - 6 - 900A
IR - 200ka RMS Sym
North American Standard Fuses and
Holders
Specifications
Description:
Standard North American ultra-fast fuses.
Fuse actuation display available on external and internal
versions.
Limited range of fuse bases
Ratings:
Applications:
Protection of semiconductors, UPS (ASI),
rectifiers, static relays, converters, etc.
Standards and Approvals:
UL Recognised, CSA,
Component Acceptance
Dimensions:
There are no standard dimensions with these
types of fuses.
Volts: - 130 to 1000V ac / 130 to 800V dc
Amps: - 1 to 4000A
IR - 200kA RMS Sym
48


Similar Part No. - SB1-D

ManufacturerPart #DatasheetDescription
logo
GREATECS
SB1 GREATECS-SB1 Datasheet
287Kb / 2P
   8 mm Slide Switches
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
   15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
   15V, 1A Rectifier
SB10-03A2 SANYO-SB10-03A2 Datasheet
93Kb / 3P
   30V, 1.0A Rectifier
logo
ON Semiconductor
SB10-03A2 ONSEMI-SB10-03A2 Datasheet
724Kb / 3P
   Schottky Rectifier
July, 2013
More results

Similar Description - SB1-D

ManufacturerPart #DatasheetDescription
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
   Fuse link type CMF High voltage – fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com