Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF441883 Datasheet(PDF) 3 Page - Texas Instruments

Part # LF441883
Description  LF441 Low Power JFET Input Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF441883 Datasheet(HTML) 3 Page - Texas Instruments

  LF441883 Datasheet HTML 1Page - Texas Instruments LF441883 Datasheet HTML 2Page - Texas Instruments LF441883 Datasheet HTML 3Page - Texas Instruments LF441883 Datasheet HTML 4Page - Texas Instruments LF441883 Datasheet HTML 5Page - Texas Instruments LF441883 Datasheet HTML 6Page - Texas Instruments LF441883 Datasheet HTML 7Page - Texas Instruments LF441883 Datasheet HTML 8Page - Texas Instruments LF441883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
LF441A
LF441
Supply Voltage
g
22V
g
18V
Differential Input Voltage
g
38V
g
30V
LF441A
LF441
Input Voltage Range
(Note 1)
g
19V
g
15V
Output Short Circuit
Duration
Continuous
Continuous
H Package
N Package
M Package
Power Dissipation
670 mW
670 mW
(Notes 2 and 9)
Tj max
150 C
115 C
ijA(Typical)
130 CW
185 CW
Board Mount in still air
165 CW
Board Mount in 400 LF
65 CW
min air flow
ijC
25 CW
Operating Temp Range
(Note 3)
(Note 3)
Storage Temp Range
b
65 C s TA s 150 C
b
65 C s TA s 150 C
Lead Temperature
300 C
260 C
(Soldering 10 seconds)
LF441A
LF441
Soldering Information
Dual-In-Line Package
Soldering (10 sec)
260 C
260 C
Small Outline Package
Vapor Phase (60 sec)
215 C
215 C
Infrared (15 sec)
220 C
220 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
ESD Tolerance (Note 10)
Rating to be Determined
DC Electrical Characteristics (Note 4)
Symbol
Parameter
Conditions
LF441A
LF441
Units
Min
Typ
Max
Min
Typ
Max
VOS
Input Offset Voltage
RS e 10 kX TA e 25 C
03
05
1
5
mV
Over Temperature
75
mV
D
VOS DT
Average TC of Input
RS e 10 kX (Note 5)
710
10
m
V C
Offset Voltage
IOS
Input Offset Current
VS e g15V
Tj e 25 C
5
25
5
50
pA
(Notes 4 and 6)
Tj e 70 C
15
15
nA
Tj e 125 C10
nA
IB
Input Bias Current
VS e g15V
Tj e 25 C
10
50
10
100
pA
(Notes 4 and 6)
Tj e 70 C3
3
nA
Tj e 125 C20
nA
RIN
Input Resistance
Tj e 25 C1012
1012
X
AVOL
Large Signal Voltage
VS e g15V VO e g10V
50
100
25
100
VmV
Gain
RL e 10 kX TA e 25 C
Over Temperature
25
15
VmV
VO
Output Voltage Swing
VS e g15V RL e 10 kX
g
12
g
13
g
12
g
13
V
VCM
Input Common-Mode
g
16
a
18 b17
g
11
a
14 b12
V
Voltage Range
CMRR
Common-Mode
RS s 10 kX
80
100
70
95
dB
Rejection Ratio
2


Similar Part No. - LF441883

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LF4415 LUXPIA-LF4415 Datasheet
1Mb / 32P
   Video Memory / FIFO
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
LF441CD ONSEMI-LF441CD Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
LF441CN ONSEMI-LF441CN Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
More results

Similar Description - LF441883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
[Old version datasheet]   Quad Low Power JFET Input Operational Amplifier
LF442 TI1-LF442 Datasheet
987Kb / 24P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF444 NSC-LF444 Datasheet
359Kb / 10P
   Quad Low Power JFET Input Operational Amplifier
LF442 NSC-LF442 Datasheet
440Kb / 12P
   Dual Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LM442-MIL TI1-LM442-MIL Datasheet
793Kb / 25P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
LF444QML TI1-LF444QML Datasheet
341Kb / 16P
[Old version datasheet]   LF444QML Quad Low Power JFET Input Operational Amplifier
TL072-EP TI-TL072-EP_15 Datasheet
864Kb / 20P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF444QML NSC-LF444QML Datasheet
636Kb / 15P
   LF444QML Quad Low Power JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com