Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS1100LR240JN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPS1100LR240JN
Description  Power Resistor for Mounting onto a Heatsink
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPS1100LR240JN Datasheet(HTML) 1 Page - Vishay Siliconix

  LPS1100LR240JN Datasheet HTML 1Page - Vishay Siliconix LPS1100LR240JN Datasheet HTML 2Page - Vishay Siliconix LPS1100LR240JN Datasheet HTML 3Page - Vishay Siliconix LPS1100LR240JN Datasheet HTML 4Page - Vishay Siliconix LPS1100LR240JN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LPS 1100
www.vishay.com
Vishay Sfernice
Revision: 05-Sep-12
1
Document Number: 50059
For technical questions, contact: sfer@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Resistor for Mounting onto a Heatsink
Thick Film Technology
FEATURES
• LPS high power: 1100 W
• Wide resistance range: 1
 to 1.3 k
E24 series
•Non inductive
• Easy mounting
• Low thermal radiation of the case
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
• Tolerances unless stated: ± 0.2 mm
• Power dissipation is 1100 W by using a water cooled heatsink at Twater = 15 °C of Rth = 0.059 °C/W (25 °C to the nearest point of the resistor
onto heatsink) and Rth contact estimated at 0.07 °C/W.
DIMENSIONS in millimeters
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE RANGE
RATED POWER P25 °C
W
TOLERANCE
± %
TEMPERATURE COEFFICIENT
± ppm/°C
LPS 1100
1 to 1.3K
1100
1, 2, 5, 10
150
2 x M4 useful depth: 8
57
34
60
36
2 x Ø 4.2
LPS 1100
I5U 5 %
V2
64.7
15.2
21.2
25.2
13.6
Ø 20
25.8 ± 1
MECHANICAL SPECIFICATIONS
Mechanical Protection
Insulated case and resin for
potting UL 94 V-0
Resistive Element
Thick film
End Connections
Screws M4
Tightening Torque Connections
2 Nm
Tightening Torque Heatsink
2 Nm
Maximum Torque
2.5 Nm
Weight
79 g ± 10 %
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 200 °C
Climatic Category
55/200/56
TECHNICAL SPECIFICATIONS
Power Rating and
Thermal Resistance
1100 W at + 25 °C
On heatsink
Rth(j-c): 0.039 °C/W
Temperature Coefficient
(- 55 °C to + 200 °C),
IEC 60115-1
± 150 ppm/°C
Dielectric Strength
IEC 60115-1,
1 min, 10 mA max.
7 kVRMS or 12 kVRMS
Insulation
 104 M
Inductance
 0.1 μH


Similar Part No. - LPS1100LR240JN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
More results

Similar Description - LPS1100LR240JN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPSA800 VISHAY-LPSA800 Datasheet
118Kb / 6P
   Power Resistor for Mounting Onto a Heatsink
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPS300 VISHAY-LPS300 Datasheet
328Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 09-Jun-10
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 27-Oct-10
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
   Power Resistor for Mounting Onto a Heatsink Thick Film Technology
01-Jan-2022
RCH VISHAY-RCH Datasheet
125Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 06-Jul-15
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
   Power Resistor for Mounting onto a Heatsink Thick Film Technology
Revision: 12-Dec-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com