Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM72F6DG9 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM72F6DG9
Description  512KB and 1MB Synchronous Fast Static RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72F6DG9 Datasheet(HTML) 4 Page - Motorola, Inc

  MCM72F6DG9 Datasheet HTML 1Page - Motorola, Inc MCM72F6DG9 Datasheet HTML 2Page - Motorola, Inc MCM72F6DG9 Datasheet HTML 3Page - Motorola, Inc MCM72F6DG9 Datasheet HTML 4Page - Motorola, Inc MCM72F6DG9 Datasheet HTML 5Page - Motorola, Inc MCM72F6DG9 Datasheet HTML 6Page - Motorola, Inc MCM72F6DG9 Datasheet HTML 7Page - Motorola, Inc MCM72F6DG9 Datasheet HTML 8Page - Motorola, Inc MCM72F6DG9 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MCM72F6
•MCM72F7
4
MOTOROLA FAST SRAM
PIN ASSIGNMENT
168–LEAD DIMM
TOP VIEW
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
DQ18
VSS
DQ16
DQ15
VSS
DQ13
DQ11
VSS
DQ9
DP0
VDD
DQ6
DQ4
VSS
DQ2
DQ0
VSS
NC
NC
VSS
A15
A13
VDD
A11
A9
VSS
A7
A5
VSS
A3
A1
ADSP
VSS
K0
VSS
W6
W4
VSS
W2
W0
VDD
G0
E0
VSS
DQ19
VSS
DQ17
DP1
VDD
DQ14
DQ12
VSS
DQ10
DQ8
VSS
DQ7
DQ5
VSS
DQ3
DQ1
VDD
NC
NC
VSS
NC
A14
VSS
A12
A10
VSS
A8
A6
VDD
A4
A2
A0
VSS
K1
VSS
W7
W5
VSS
W3
W1
VSS
G1
E1
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
VSS
DP7
DQ61
VSS
DQ59
DQ57
VSS
DP6
DQ54
VDD
DQ52
DQ50
VSS
DQ48
DQ47
VSS
DQ45
DQ43
VSS
DQ41
DP4
VDD
DQ38
DQ36
VSS
DQ34
DQ32
VSS
K2
VSS
DQ31
DQ29
VSS
DQ27
DQ25
VSS
DP2
DQ22
VDD
DQ20
VSS
DQ63
DQ62
VDD
DQ60
DQ58
VSS
DQ56
DQ55
VSS
DQ53
DQ51
VSS
DQ49
DP5
VDD
DQ46
DQ44
VSS
DQ42
DQ40
VSS
DQ39
DQ37
VSS
DQ35
DQ33
VSS
K3
VSS
DP3
DQ30
VDD
DQ28
DQ26
VSS
DQ24
DQ23
VSS
DQ21


Similar Part No. - MCM72F6DG9

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG10 MOTOROLA-MCM72F6ADG10 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG12 MOTOROLA-MCM72F6ADG12 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG9 MOTOROLA-MCM72F6ADG9 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
More results

Similar Description - MCM72F6DG9

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM36F6 MOTOROLA-MCM36F6 Datasheet
118Kb / 10P
   256KB and 512KB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
   2MB and 4MB Synchronous Fast Static RAM Module
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MCM4464 MOTOROLA-MCM4464 Datasheet
103Kb / 8P
   1MB R4000 Secondary Cache Fast Static RAM Module Set
logo
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
   1Mb x 16 Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
logo
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
   32K x 32 SYNCHRONOUS FAST STATIC RAM
logo
Motorola, Inc
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com