Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV931QDBVRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV931QDBVRQ1
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV931QDBVRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV931QDBVRQ1 Datasheet HTML 3Page - Texas Instruments LMV931QDBVRQ1 Datasheet HTML 4Page - Texas Instruments LMV931QDBVRQ1 Datasheet HTML 5Page - Texas Instruments LMV931QDBVRQ1 Datasheet HTML 6Page - Texas Instruments LMV931QDBVRQ1 Datasheet HTML 7Page - Texas Instruments LMV931QDBVRQ1 Datasheet HTML 8Page - Texas Instruments LMV931QDBVRQ1 Datasheet HTML 9Page - Texas Instruments LMV931QDBVRQ1 Datasheet HTML 10Page - Texas Instruments LMV931QDBVRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LMV931-Q1
LMV932-Q1
LMV934-Q1
www.ti.com
SLOS462C – MARCH 2005 – REVISED DECEMBER 2010
ELECTRICAL CHARACTERISTICS (continued)
VCC+ = 2.7 V, VCC– = 0 V, VIC = VCC+/2, VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
SR
Slew rate(1)
25°C
0.4
V/µs
Φm
Phase margin
25°C
70
°
Gain margin
25°C
7.5
dB
Equivalent input noise
Vn
f = 1 kHz, VIC = 0.5 V
25°C
57
nV/
√Hz
voltage
Equivalent input noise
In
f = 1 kHz
25°C
0.082
pA/
√Hz
current
f = 1 kHz, AV = 1, RL = 600 Ω,
THD
Total harmonic distortion
25°C
0.022
%
VID = 1 Vp-p
Amplifier-to-amplifier
25°C
123
dB
isolation(2)
(1)
Number specified is the slower of the positive and negative slew rates.
(2)
Input referred, VCC+ = 5 V and RL = 100 kΩ connected to 2.5 V. Each amplifier is excited, in turn, with a 1-kHz signal to produce
VO = 3 Vp-p.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): LMV931-Q1 LMV932-Q1 LMV934-Q1


Similar Part No. - LMV931QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931Q1MF TI1-LMV931Q1MF Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931Q1MF/NOPB TI-LMV931Q1MF/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931Q1MF/NOPB TI1-LMV931Q1MF/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931Q1MF/NOPB TI1-LMV931Q1MF/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931Q1MFX TI1-LMV931Q1MFX Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results

Similar Description - LMV931QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com