Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF411ACH Datasheet(PDF) 3 Page - Texas Instruments

Part # LF411ACH
Description  LF411 Low Offset, Low Drift JFET Input Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF411ACH Datasheet(HTML) 3 Page - Texas Instruments

  LF411ACH Datasheet HTML 1Page - Texas Instruments LF411ACH Datasheet HTML 2Page - Texas Instruments LF411ACH Datasheet HTML 3Page - Texas Instruments LF411ACH Datasheet HTML 4Page - Texas Instruments LF411ACH Datasheet HTML 5Page - Texas Instruments LF411ACH Datasheet HTML 6Page - Texas Instruments LF411ACH Datasheet HTML 7Page - Texas Instruments LF411ACH Datasheet HTML 8Page - Texas Instruments LF411ACH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LF411A
LF411
Supply Voltage
±22V
±18V
Differential Input Voltage
±38V
±30V
Input Voltage Range
(Note 2)
±19V
±15V
Output Short Circuit
Duration
Continuous Continuous
H Package
N Package
Power Dissipation
(Notes 3, 10)
670 mW
670 mW
H Package
N Package
T
jmax
150˚C
115˚C
θ
jA
162˚C/W (Still Air)
120˚C/W
65˚C/W (400
LF/min
Air Flow)
θ
jC
20˚C/W
Operating Temp.
Range
(Note 4)
(Note 4)
Storage Temp.
Range
−65˚C
≤T
A
≤150˚C −65˚C≤T
A
≤150˚C
Lead Temp.
(Soldering,
10 sec.)
260˚C
260˚C
ESD Tolerance
Rating to be determined.
DC Electrical Characteristics (Note 5)
Symbol
Parameter
Conditions
LF411A
LF411
Units
Min
Typ
Max
Min
Typ
Max
V
OS
Input Offset Voltage
R
S=10 k
Ω,T
A=25˚C
0.3
0.5
0.8
2.0
mV
∆V
OS/
∆T Average TC of Input
R
S=10 k
Ω (Note 6)
7
10
7
20
µV/˚C
Offset Voltage
(Note 6)
I
OS
Input Offset Current
V
S=±15V
T
j=25˚C
25
100
25
100
pA
(Notes 5, 7)
T
j=70˚C
2
2
nA
T
j=125˚C
25
25
nA
I
B
Input Bias Current
V
S=±15V
T
j=25˚C
50
200
50
200
pA
(Notes 5, 7)
T
j=70˚C
4
4
nA
T
j=125˚C
50
50
nA
R
IN
Input Resistance
T
j=25˚C
10
12
10
12
A
VOL
Large Signal Voltage
V
S=±15V, VO=±10V,
50
200
25
200
V/mV
Gain
R
L=2k, TA=25˚C
Over Temperature
25
200
15
200
V/mV
V
O
Output Voltage Swing
V
S=±15V, RL=10k
±12
±13.5
±12
±13.5
V
V
CM
Input Common-Mode
±16
+19.5
±11
+14.5
V
Voltage Range
−16.5
−11.5
V
CMRR
Common-Mode
R
S
≤10k
80
100
70
100
dB
Rejection Ratio
PSRR
Supply Voltage
(Note 8)
80
100
70
100
dB
Rejection Ratio
I
S
Supply Current
1.8
2.8
1.8
3.4
mA
AC Electrical Characteristic (Note 5)
Symbol
Parameter
Conditions
LF411A
LF411
Units
Min
Typ
Max
Min
Typ
Max
SR
Slew Rate
V
S=±15V, TA=25˚C
10
15
8
15
V/µs
GBW
Gain-Bandwidth Product
V
S=±15V, TA=25˚C
3
4
2.7
4
MHz
e
n
Equivalent Input Noise Voltage
T
A=25˚C, RS=100
Ω,
f=1 kHz
25
25
i
n
Equivalent Input Noise Current
T
A=25˚C, f=1 kHz
0.01
0.01
www.national.com
2


Similar Part No. - LF411ACH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF411ACH NSC-LF411ACH Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
More results

Similar Description - LF411ACH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411-N TI-LF411-N Datasheet
874Kb / 16P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF411QML TI1-LF411QML Datasheet
699Kb / 20P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN Datasheet
874Kb / 16P
[Old version datasheet]   LF411JAN Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML-SP TI-LF411QML-SP_15 Datasheet
1Mb / 19P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com