Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV324Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # MV324Q1
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MV324Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MV324Q1 Datasheet HTML 2Page - Texas Instruments MV324Q1 Datasheet HTML 3Page - Texas Instruments MV324Q1 Datasheet HTML 4Page - Texas Instruments MV324Q1 Datasheet HTML 5Page - Texas Instruments MV324Q1 Datasheet HTML 6Page - Texas Instruments MV324Q1 Datasheet HTML 7Page - Texas Instruments MV324Q1 Datasheet HTML 8Page - Texas Instruments MV324Q1 Datasheet HTML 9Page - Texas Instruments MV324Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LMV321-Q1 SINGLE, LMV358-Q1 DUAL, LMV324-Q1 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS415E − JUNE 2003 − REVISED APRIL 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
10000
−50
Figure 1
−20
−10
0
10
20
30
40
1
10
100
1000
0
50
100
150
200
GAIN AND PHASE MARGIN
vs
FREQUENCY
Frequency − kHz
VCC = 2.7 V
RL = 100 kΩ, 2 kΩ, 600 Ω
Gain
Phase
100 k
2 k
600
GAIN AND PHASE MARGIN
vs
FREQUENCY
Figure 2
−20
−10
0
10
20
30
40
1
10
100
1000
10000
−50
0
50
Frequency − kHz
100
150
200
VCC = 5 V
RL = 100 kΩ, 2 kΩ, 600 Ω
Gain
Phase
100 k
2 k
600
GAIN AND PHASE MARGIN
vs
FREQUENCY
−20
−10
0
10
20
30
40
50
60
70
10
100
1000
10000
−80
−60
−40
−20
0
20
40
60
80
100
Figure 3
VCC = 5 V
RL = 600 W
CL = 16 pF, 100 pF,
500 pF, 1000 pF
Frequency − kHz
16 pF
100 pF
500 pF
1000 pF
16 pF
100 pF
500 pF
1000 pF
Phase
Gain
−20
−10
0
10
20
30
40
50
60
70
10
100
1000
10000
Frequency − kHz
−80
−60
−40
−20
0
20
40
60
80
100
VCC = 5 V
RL = 100 kΩ
CL = 16 pF, 100 pF,
500 pF, 1000 pF
16 pF
100 pF
16 pF
100 pF
500 pF
500 pF
1000 pF
1000 pF
Phase
Gain
GAIN AND PHASE MARGIN
vs
FREQUENCY
Figure 4


Similar Part No. - MV324Q1

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MV324TCN MTRONPTI-MV324TCN Datasheet
267Kb / 2P
   5x7 mm, 3.3 or 5.0 Volt, HCMOS, VCXO
MV324TGN MTRONPTI-MV324TGN Datasheet
267Kb / 2P
   5x7 mm, 3.3 or 5.0 Volt, HCMOS, VCXO
MV324VCN MTRONPTI-MV324VCN Datasheet
267Kb / 2P
   5x7 mm, 3.3 or 5.0 Volt, HCMOS, VCXO
MV324VGN MTRONPTI-MV324VGN Datasheet
267Kb / 2P
   5x7 mm, 3.3 or 5.0 Volt, HCMOS, VCXO
More results

Similar Description - MV324Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com