Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LF353MX Datasheet(PDF) 3 Page - Texas Instruments

Part No. LF353MX
Description  LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF353MX Datasheet(HTML) 3 Page - Texas Instruments

  LF353MX Datasheet HTML 1Page - Texas Instruments LF353MX Datasheet HTML 2Page - Texas Instruments LF353MX Datasheet HTML 3Page - Texas Instruments LF353MX Datasheet HTML 4Page - Texas Instruments LF353MX Datasheet HTML 5Page - Texas Instruments LF353MX Datasheet HTML 6Page - Texas Instruments LF353MX Datasheet HTML 7Page - Texas Instruments LF353MX Datasheet HTML 8Page - Texas Instruments LF353MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
±18V
Power Dissipation
(Note 2)
Operating Temperature Range
0˚C to +70˚C
T
j(MAX)
150˚C
Differential Input Voltage
±30V
Input Voltage Range (Note 3)
±15V
Output Short Circuit Duration
Continuous
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering, 10 sec.)
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 sec.)
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
ESD Tolerance (Note 8)
1000V
θ
JA M Package
TBD
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Operating ratings indicate conditions for which the
device is functional, but do not guarantee specific performance limits. Elec-
trical Characteristics state DC and AC electrical specifications under particu-
lar test conditions which guarantee specific performance limits. This assumes
that the device is within the Operating Ratings. Specifications are not guar-
anteed for parameters where no limit is given, however, the typical value is a
good indication of device performance.
DC Electrical Characteristics
(Note 5)
Symbol
Parameter
Conditions
LF353
Units
MIn
Typ
Max
V
OS
Input Offset Voltage
R
S=10k
Ω,T
A=25˚C
5
10
mV
Over Temperature
13
mV
∆V
OS/
∆T
Average TC of Input Offset Voltage
R
S=10 k
10
µV/˚C
I
OS
Input Offset Current
T
j=25˚C, (Notes 5, 6)
25
100
pA
T
j
≤70˚C
4
nA
I
B
Input Bias Current
T
j=25˚C, (Notes 5, 6)
50
200
pA
T
j
≤70˚C
8
nA
R
IN
Input Resistance
T
j=25˚C
10
12
A
VOL
Large Signal Voltage Gain
V
S=±15V, TA=25˚C
25
100
V/mV
V
O=±10V, RL=2 k
Over Temperature
15
V/mV
V
O
Output Voltage Swing
V
S=±15V, RL=10k
±12
±13.5
V
V
CM
Input Common-Mode Voltage
V
S=±15V
±11
+15
V
Range
−12
V
CMRR
Common-Mode Rejection Ratio
R
S
≤ 10kΩ
70
100
dB
PSRR
Supply Voltage Rejection Ratio
(Note 7)
70
100
dB
I
S
Supply Current
3.6
6.5
mA
AC Electrical Characteristics
(Note 5)
Symbol
Parameter
Conditions
LF353
Units
Min
Typ
Max
Amplifier to Amplifier Coupling
T
A=25˚C, f=1 Hz−20 kHz
−120
dB
(Input Referred)
SR
Slew Rate
V
S=±15V, TA=25˚C
8.0
13
V/µs
GBW
Gain Bandwidth Product
V
S=±15V, TA=25˚C
2.7
4
MHz
e
n
Equivalent Input Noise Voltage
T
A=25˚C, RS=100
Ω,16
f=1000 Hz
i
n
Equivalent Input Noise Current
T
j=25˚C, f=1000 Hz
0.01
www.national.com
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn