Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMR2425 Datasheet(PDF) 8 Page - Crydom Inc.,

Part # SMR2425
Description  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

SMR2425 Datasheet(HTML) 8 Page - Crydom Inc.,

Back Button SMR2425 Datasheet HTML 4Page - Crydom Inc., SMR2425 Datasheet HTML 5Page - Crydom Inc., SMR2425 Datasheet HTML 6Page - Crydom Inc., SMR2425 Datasheet HTML 7Page - Crydom Inc., SMR2425 Datasheet HTML 8Page - Crydom Inc., SMR2425 Datasheet HTML 9Page - Crydom Inc., SMR2425 Datasheet HTML 10Page - Crydom Inc., SMR2425 Datasheet HTML 11Page - Crydom Inc., SMR2425 Datasheet HTML 12Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Panel Mount Solid State Relays - AC Output
EZ
5-18Amp
120/240/480 Vac
SCR AC Switch Output
Low Profile - Quick Connect Terminals
24V Control Available (EZE)
The Series EZ is a SPST-NO AC output relays offer a low profile package and is
the preferred choice for replacement of Electro-mechanical relays. Random Turn-
On models (R suffix) are available.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@5/24Vdc Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
EZ240D5
24-280
.15-5
4-15
13
1.0
40
UL, cUL
EZ240D12
24-280
.15-12
3-15
15
1.0
150
UL, CSA, VDE
EZ240D18
24-280
.15-18
3-15
15
1.0
200
UL, CSA, VDE
EZE240D12 24-280
.15-12
15-32
15
1.0
150
UL, CSA, VDE
EZE240D18 24-280
.15-18
15-32
15
1.0
200
UL, CSA, VDE
EZ480D12
48-660
.15-12
4-15
15
1.0
150
UL, CSA
EZ480D18
48-660
.15-18
4-15
15
1.0
200
UL, CSA
EZE480D12 48-660
.15-12
15-32
15
1.0
150
UL, CSA
EZE480D18 48-660
.15-18
15-32
15
1.0
200
UL, CSA
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current @ Release
Current
Range
Range
Range
120/24Vrms Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
EZ240A12
24-280
.15-12
90-140
10
10.0
150
UL, CSA
EZ240A18
24-280
.15-18
90-140
10
10.0
200
UL, CSA
EZE240A12 24-280
.15-12
18-36
10
2.0
150
UL, CSA
EZE240A18 24-280
.15-18
18-36
10
2.0
200
UL, CSA
EZ480A12
48-660
.15-12
90-140
10
10.0
150
UL, CSA
EZ480A18
48-660
.15-18
90-140
10
10.0
200
UL, CSA
EZE480A12 48-660
.15-12
18-36
10
2.0
150
UL, CSA
EZE480A18 48-660
.15-18
18-36
10
2.0
200
UL, CSA
Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms
NTD, NTA
5-25Amp
120/240 Vac
Zero Cross or Random Turn-On (-10)
The NT products are available with either DC control (NTD) or AC control (NTA)
with a wide output range (24-280 Vrms).
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
NTD2405
24-280
.15-5
4-15
13
1.0
40
CSA, CSAus
NTD2410
24-280
.15-10
3-32
10
1.0
120
UL, CSA
NTD2425
24-280
.15-25
3-32
10
1.0
250
UL, CSA
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current @ Release
Current
Range
Range
Range
120Vrms
Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
NTA2410
24-280
.15-10
90-140
10
10
120
UL, CSA
NTA2425
24-280
.15-25
90-140
10
10
250
UL, CSA
Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 3750 Vrms
Random turn-on, phase controllable (-10 suffix)
CSW
10-90Amp
120/240 Vac
Low Leakage
SCR AC Switch Output
The Series CSW has an SCR AC switch output featuring low off-state leakage
(1mA, snubberless), zero-voltage switching and a broadened operating range (24-
280Vrms). This wide range permits optimum performance at both 120Vac and
240Vac line voltages.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
CSW2410
24-280
.15-10
3-32
13
1.0
120
UL, CSA, VDE
CSW2425
24-280
.15-25
3-32
13
1.0
250
UL, CSA, VDE
CSW2450
24-280
.15-50
3-32
13
1.0
625
UL, CSA, VDE
CSW2475
24-280
.25-75
3-32
13
1.0
1000
UL, CSA, VDE
CSW2490
24-280
.25-90
3-32
13
1.0
1200
UL, CSA, VDE
Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms Minimum Off-State dv/dt 500V/μsec
Random turn-on, phase controllable (-10 suffix)
Series 1
10-125Amp
120/240 Vac
SCR AC Switch Output
Zero Voltage or Random Turn-On
Featuring state-of-the-art Surface Mount Technology, these SPST-NO relays
deliver proven reliability in the most demanding applications. Relay output
consists of an SCR AC switch and is available in either AC or DC (coil) control.
Options include; zero-cross, random turn-on, phase controllable (add “-10”
suffix); normally closed (Form B) version (add “-B” suffix); 24 Vac control models
(add “E” suffix). UL 508A SCCR Approved, consult Crydom for actual ratings.
D12, D24
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
D1210
24-140
.04-10
3-32
3.4
1.0
120
UL, CSA, VDE
D1225
24-140
.04-25
3-32
3.4
1.0
250
UL, CSA, VDE
D1240
24-140
.04-40
3-32
3.4
1.0
625
UL, CSA, VDE
D2410
24-280
.04-10
3-32
3.4
1.0
120
UL, CSA, VDE
D2425
24-280
.04-25
3-32
3.4
1.0
250
UL, CSA, VDE
D2450
24-280
.04-50
3-32
3.4
1.0
625
UL, CSA, VDE
D2475
24-280
.04-75
3-32
3.4
1.0
1000
UL, CSA, VDE
D2490
24-280
.04-90
3-32
3.4
1.0
1200
UL, CSA, VDE
D24110
24-280
.15-110
3-32
3.4
1.0
1500
UL, cUL
D24125
24-280
.15-125
3-32
3.4
1.0
1750
UL, cUL
A12, A24
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current@ Release
Current
Range
Range
Range
120Vrms
Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
A1210
24-140
.04-10
90-280
2.0
10.0
120
UL, CSA, VDE
A1225
24-140
.04-25
90-280
2.0
10.0
250
UL, CSA, VDE
A1240
24-140
.04-40
90-280
2.0
10.0
625
UL, CSA, VDE
A2410
24-280
.04-10
90-280
2.0
10.0
120
UL, CSA, VDE
A2425
24-280
.04-25
90-280
2.0
10.0
250
UL, CSA, VDE
A2450
24-280
.04-50
90-280
2.0
10.0
625
UL, CSA, VDE
A2475
24-280
.04-75
90-280
2.0
10.0
1000
UL, CSA, VDE
A2490
24-280
.04-90
90-280
2.0
10.0
1200
UL, CSA, VDE
A24110
24-280
.15-110
90-280
2.0
10.0
1500
UL, cUL
A24125
24-280
.15-125
90-280
2.0
10.0
1750
UL, cUL
Operating Temperature Range: -40˚C to 80˚C, Isolation Voltage: 4000 Vrms, Minimum Off-State dv/dt: 500V/μsec
8
Questions? Call or e-mail
+1 (877) 502 5500
+44 (0) 1202 606030
sales@crydom.com
sales-europe@crydom.com
Americas
Europe


Similar Part No. - SMR2425

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMR22.5104H100J01L4BULK KEMET-SMR22.5104H100J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
SMR22.5104H250J01L4BULK KEMET-SMR22.5104H250J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
SMR22.5104H400J01L4BULK KEMET-SMR22.5104H400J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
SMR22.5104H50J01L4BULK KEMET-SMR22.5104H50J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
SMR22.5104H63J01L4BULK KEMET-SMR22.5104H63J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
More results

Similar Description - SMR2425

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
   Solid-state technology
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com