Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FG560 Datasheet(PDF) 38 Page - Cooper Bussmann, Inc.

Part # FG560
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FG560 Datasheet(HTML) 38 Page - Cooper Bussmann, Inc.

Back Button FG560 Datasheet HTML 34Page - Cooper Bussmann, Inc. FG560 Datasheet HTML 35Page - Cooper Bussmann, Inc. FG560 Datasheet HTML 36Page - Cooper Bussmann, Inc. FG560 Datasheet HTML 37Page - Cooper Bussmann, Inc. FG560 Datasheet HTML 38Page - Cooper Bussmann, Inc. FG560 Datasheet HTML 39Page - Cooper Bussmann, Inc. FG560 Datasheet HTML 40Page - Cooper Bussmann, Inc. FG560 Datasheet HTML 41Page - Cooper Bussmann, Inc. FG560 Datasheet HTML 42Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
NH Fuse Rail
Vertical Style
BFRD
690V / 250-630A
Sizes 1, 2, 3
Specifications
Description:
Vertical Fuse Rails are designed to be used
with NH Fuses. Fully protected against accidental contacts.
Main features are:
- Contact covers
- Inter polar barriers
- Label for protected circuit identification
- Busbar mounting with screws
Ratings:
Applications:
Disconnecting cabinets and low voltage
distribution switchboards with busbar spacing of 185mm
Standards and Approvals:
CE, IEC EN 60269-1, IEC EN
60269-3-1
Dimensions:
Volts: - 690V ac
Amps: - 250 - 630A
Catalogue Numbers
39
Size
Rating
(A)
Part Reference
Leading out Terminals
1
250
BFR1-3K/LM/C (*)
Pressed-in Nuts with M10 Screw
BFR1-3K/LW
V-Shaped Clamps
BFR1-3K/LL
Busbar Systems
185mm Busbar Spacing
Connects to Busbar with M12 bolts
2
400
BFR2-3K/LM/C (*)
Pressed-in Nuts with M10 Screw
BFR2-3K/LW
V-Shaped Clamps
BFR2/3K/LL
Busbar Systems
185mm Busbar Spacing
Connects to Busbar with M12 bolts
3
630
BFR3-3K/LM/C (*)
Pressed-in Nuts with M10 Screw
BFR3-3K/LW
V-Shaped Clamps
BFR3-3K/LL
Busbar Systems
185mm Busbar Spacing
Connects to Busbar with M12 bolts
(*) with Leading-out Terminal cover


Similar Part No. - FG560

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FG560 COOPER-FG560 Datasheet
83Kb / 3P
   FG BS88 Centre bolted tags fuse links
More results

Similar Description - FG560

ManufacturerPart #DatasheetDescription
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
   Fuse link type CMF High voltage – fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com