Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M35H52B Datasheet(PDF) 3 Page - Texas Instruments

Part # F28M35H52B
Description  C2000??Concerto??Microcontrollers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H52B Datasheet(HTML) 3 Page - Texas Instruments

  F28M35H52B Datasheet HTML 1Page - Texas Instruments F28M35H52B Datasheet HTML 2Page - Texas Instruments F28M35H52B Datasheet HTML 3Page - Texas Instruments F28M35H52B Datasheet HTML 4Page - Texas Instruments F28M35H52B Datasheet HTML 5Page - Texas Instruments F28M35H52B Datasheet HTML 6Page - Texas Instruments F28M35H52B Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Control Subsystem
C28x™ 32-bit CPU
Up to 150 MHz
Floating-point
unit
VCU
• Viterbi
• CRC
• Complex MPY
• FFT
Comms
• McBSP/SPI/
IS
• UART
2
Shared
12 bit, 10 ch, 2 SH, 3 MSPS
3-ch analog comparator
12 bit, 10 ch, 2 SH, 3 MSPS
3-ch analog comparator
Analog Temp sense
System
6-ch DMA
256–512 KB
ECC Flash
20-KB ECC RAM
Memory
Control Modules
2-KB message
2-KB message
Parity RAM
Up to 64 KB
64-KB ROM
128-bit security
16-KB parity RAM
Pwr & Clocking
• 10 MHz / 30 KHz INT OSC
• 4–20 MHz EXT
• Clock fail detect
• 3.3-V VREG
• POR/BOR
9× ePWM modules:
18× Outputs / 16× HR
Fault trip zones
3× 32-bit eQEP
6× 32-bit eCAP
Host Subsystem
ARM Cortex -M3
®™
32-bit CPU
Up to 100 MHz
System & Clocking
32-ch DMA
4 Timers
Communications
USB OTG FS PHY
10/100 Ethernet MAC
1588 w/ MII
256–512 KB
ECC Flash
16 KB ECC RAM
Memory
2× 128-bit security
2 Watchdogs
2× I C
2
5× UART
2× CAN
64-KB ROM
16-KB parity RAM
External interface
4× SSI
Introducing Concerto™ MCUs: Connectivity without compromise
Real-Time Control
TI 32-bit F28x with FPU
Processing and control
• Industry leading computational
performance
• Lowest control loop latency
• Robust control software support
• Fine-tuned control architecture
Precision peripherals
• Flexible, highest resolution, best
synchronization PWMs
• High-speed precision-synchronized
analog
• Flexible power line modem solution
Host MCU
ARM® 32-bit Cortex™-M3
Ecosystem
• Operating systems
• Middleware
• Software infrastructure
Rich Communications
• Ethernet
• USB
• CAN, serials
• Wireless
• Various field busses
Application Layer
• Sequencing, profiles
• Diagnostics, monitoring
+
Industry’s #1 MCU for
power electronics and
power-line modem
Industry’s #1 MCU for general
purpose and communication


Similar Part No. - F28M35H52B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H52B1 TI1-F28M35H52B1 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M35H52B1 TI1-F28M35H52B1 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H52B1RFPQ TI1-F28M35H52B1RFPQ Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
F28M35H52B1RFPQ TI1-F28M35H52B1RFPQ Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H52B1RFPQ TI1-F28M35H52B1RFPQ Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
More results

Similar Description - F28M35H52B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
TPS75005 TI1-TPS75005 Datasheet
904Kb / 32P
[Old version datasheet]   Integrated MCU Power Solution for C2000??Microcontrollers
TPS75005 TI1-TPS75005_14 Datasheet
1Mb / 33P
[Old version datasheet]   Integrated MCU Power Solution for C2000??Microcontrollers
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
[Old version datasheet]   C2000 LED BoosterPack
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com