Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M35M32B Datasheet(PDF) 6 Page - Texas Instruments

Part # F28M35M32B
Description  C2000??Concerto??Microcontrollers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35M32B Datasheet(HTML) 6 Page - Texas Instruments

  F28M35M32B Datasheet HTML 1Page - Texas Instruments F28M35M32B Datasheet HTML 2Page - Texas Instruments F28M35M32B Datasheet HTML 3Page - Texas Instruments F28M35M32B Datasheet HTML 4Page - Texas Instruments F28M35M32B Datasheet HTML 5Page - Texas Instruments F28M35M32B Datasheet HTML 6Page - Texas Instruments F28M35M32B Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Concerto™ MCU parts list
Important Notice: The products and services of Texas Instruments Incorporated and its subsidiaries described herein are sold subject to TI’s standard terms and conditions of sale.
Customers are advised to obtain the most current and complete information about TI products and services before placing orders. TI assumes no liability for applications assistance,
customer’s applications or product designs, software performance, or infringement of patents. The publication of information regarding any other company’s products or services does not
constitute TI’s approval, warranty or endorsement thereof.
© 2011 Texas Instruments Incorporated
Printed in U.S.A. by Etheridge Printing Company, Dallas, TX
SPRB203A
The platform bar, C2000, Concerto, Delfino, Piccolo and Sitara are trademarks of Texas Instruments. All other trademarks are the property of their respective owners.
Processor
Memory
Control Interfaces
Communication Ports
Other
Part Number
Speed
(MHz)
C28x/CM3 FPU VCU DMA
RAM
(KB)
Flash
(KB)
PWM
Chs*
HR
PWM Timers
Event
Cap-
tures
QEP/
QEI
ADC
Resolution
ADC
Inputs
ADC
MSPS
Compa-
rators
USB
(OTG) ENET SPI SCI CAN I2C McBSP
0-Pin
OSCs
I/O
Pins
I/O /
Supply
Voltage
(V)
Packaging
Ext.
Temp
(-40 to
125°C)
10kU
SRP
(U.S. $)
5-Series: Entry
F28M35E20B
60/60
Yes
Yes
Yes
72
512
24
16
25
6
3
2× 12-bit
20
4.6
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
6.71
F28M35E20C
60/60
Yes
Yes
Yes
72
512
24
16
25
6
3
2× 12-bit
20
4.6
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
8.15
F28M35E22B
60/60
Yes
Yes
Yes 136 512
24
16
25
6
3
2× 12-bit
20
4.6
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
8.64
F28M35E22C
60/60
Yes
Yes
Yes 136 512
24
16
25
6
3
2× 12-bit
20
4.6
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
10.08
F28M35E32B
60/60
Yes
Yes
Yes 136 768
24
16
25
6
3
2× 12-bit
20
4.6
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
9.26
F28M35E32C
60/60
Yes
Yes
Yes 136 768
24
16
25
6
3
2× 12-bit
20
4.6
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
10.70
F28M35E50B
60/60
Yes
Yes
Yes
72 1024
24
16
25
6
3
2× 12-bit
20
4.6
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
8.88
F28M35E50C
60/60
Yes
Yes
Yes
72 1024
24
16
25
6
3
2× 12-bit
20
4.6
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
10.32
F28M35E52B
60/60
Yes
Yes
Yes 136 1024
24
16
25
6
3
2× 12-bit
20
4.6
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
9.84
F28M35E52C
60/60
Yes
Yes
Yes 136 1024
24
16
25
6
3
2× 12-bit
20
4.6
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
11.28
5-Series: Mid-end
F28M35M20B
75/75
Yes
Yes
Yes
72
512
24
16
25
6
3
2× 12-bit
20
5.8
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
9.12
F28M35M20C
75/75
Yes
Yes
Yes
72
512
24
16
25
6
3
2× 12-bit
20
5.8
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
10.56
F28M35M22B
75/75
Yes
Yes
Yes 136 512
24
16
25
6
3
2× 12-bit
20
5.8
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
10.08
F28M35M22C
75/75
Yes
Yes
Yes 136 512
24
16
25
6
3
2× 12-bit
20
5.8
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
11.52
F28M35M32B
75/75
Yes
Yes
Yes 136 768
24
16
25
6
3
2× 12-bit
20
5.8
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
10.70
F28M35M32C
75/75
Yes
Yes
Yes 136 768
24
16
25
6
3
2× 12-bit
20
5.8
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
12.14
F28M35M50B
75/75
Yes
Yes
Yes
72 1024
24
16
25
6
3
2× 12-bit
20
5.8
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
10.32
F28M35M50C
75/75
Yes
Yes
Yes
72 1024
24
16
25
6
3
2× 12-bit
20
5.8
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
11.76
F28M35M52B
75/75
Yes
Yes
Yes 136 1024
24
16
25
6
3
2× 12-bit
20
5.8
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
11.28
F28M35M52C
75/75
Yes
Yes
Yes 136 1024
24
16
25
6
3
2× 12-bit
20
5.8
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
12.72
5-Series: High-end
F28M35H20B
150/75 or
100/100
Yes
Yes
Yes
72
512
24
16
25
6
3
2× 12-bit
20
5.8
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
11.76
F28M35H20C
150/75 or
100/100
Yes
Yes
Yes
72
512
24
16
25
6
3
2× 12-bit
20
5.8
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
13.20
F28M35H22B
150/75 or
100/100
Yes
Yes
Yes 136 512
24
16
25
6
3
2× 12-bit
20
5.8
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
12.72
F28M35H22C
150/75 or
100/100
Yes
Yes
Yes 136 512
24
16
25
6
3
2× 12-bit
20
5.8
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
14.16
F28M35H32B
150/75 or
100/100
Yes
Yes
Yes 136 768
24
16
25
6
3
2× 12-bitt
20
5.8
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
13.34
F28M35H32C
150/75 or
100/100
Yes
Yes
Yes 136 768
24
16
25
6
3
2× 12-bit
20
5.8
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
14.78
F28M35H50B
150/75 or
100/100
Yes
Yes
Yes
72 1024
24
16
25
6
3
2× 12-bit
20
5.8
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
12.96
F28M35H50C
150/75 or
100/100
Yes
Yes
Yes
72 1024
24
16
25
6
3
2× 12-bit
20
5.8
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
14.40
F28M35H52B
150/75 or
100/100
Yes
Yes
Yes 136 1024
24
16
25
6
3
2× 12-bit
20
5.8
6
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
13.92
F28M35H52C
150/75 or
100/100
Yes
Yes
Yes 136 1024
24
16
25
6
3
2× 12-bit
20
5.8
6
1
Yes
5
6
2
3
1
2
64
3.3/3.3 144 HTQFP
Yes
15.36
All devices include one 2-pin oscillator and POR/BOR.
*PWM channels include output from ePWM modules (2 per module) and eCAP. The eCAP can be configured as a PWM when not used for capture.
Development tools
Concerto tools will continue the C2000™ controlCARD tools method-
ology. By detaching the C2000 processor and all necessary support
circuitry and putting them on controlCARDs, a designer can test mul-
tiple processors on one application board. These controlCARDs require
only one 5-V supply and plug into a simple motherboard connector
that gives access to every pin on the device. All C2000 application kits
are also based on controlCARDs
Start exploring what Concerto MCUs have to offer, right out of
the box!
Part number
Description
Price
TMDXCNCDH52C1
F28M35H52 controlCARD
$130.00
TMDXDOCKH52C1
F28M35H52 Experimenter Kit
$185.00
F28M35H52 Experimenter Kit
F28M335H52 controlCard


Similar Part No. - F28M35M32B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35M20B1RFPS TI1-F28M35M20B1RFPS Datasheet
2Mb / 235P
[Old version datasheet]   Microcontrollers
F28M35M20B1RFPT TI1-F28M35M20B1RFPT Datasheet
2Mb / 235P
[Old version datasheet]   Microcontrollers
F28M35M22C TI-F28M35M22C Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35M22C1RFPS TI1-F28M35M22C1RFPS Datasheet
2Mb / 235P
[Old version datasheet]   Microcontrollers
F28M35M22C1RFPS TI-F28M35M22C1RFPS Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
More results

Similar Description - F28M35M32B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
TPS75005 TI1-TPS75005 Datasheet
904Kb / 32P
[Old version datasheet]   Integrated MCU Power Solution for C2000??Microcontrollers
TPS75005 TI1-TPS75005_14 Datasheet
1Mb / 33P
[Old version datasheet]   Integrated MCU Power Solution for C2000??Microcontrollers
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
[Old version datasheet]   C2000 LED BoosterPack
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com