Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLQ015XX25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLQ015XX25
Description  150 mA, ultra-low quiescent current linear voltage regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015XX25 Datasheet(HTML) 1 Page - STMicroelectronics

  STLQ015XX25 Datasheet HTML 1Page - STMicroelectronics STLQ015XX25 Datasheet HTML 2Page - STMicroelectronics STLQ015XX25 Datasheet HTML 3Page - STMicroelectronics STLQ015XX25 Datasheet HTML 4Page - STMicroelectronics STLQ015XX25 Datasheet HTML 5Page - STMicroelectronics STLQ015XX25 Datasheet HTML 6Page - STMicroelectronics STLQ015XX25 Datasheet HTML 7Page - STMicroelectronics STLQ015XX25 Datasheet HTML 8Page - STMicroelectronics STLQ015XX25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
January 2011
Doc ID 17285 Rev 2
1/17
17
STLQ015xx
150 mA, ultra-low quiescent current
linear voltage regulator
Features
Input voltage from 1.5 to 5.5 V
Very low quiescent current:
– 1.0 µA (typ) at no load
– 1.4 µA (typ) at 150 mA load
– 1 nA (typ) in OFF mode
– 200 nA max in OFF mode at 125 °C
Output voltage tolerance: ± 2% at 25 °C
150 mA guaranteed output current
Wide range of output voltages: 0.8 V to 3.3 V in
100 mV steps
Logic-controlled electronic shutdown
Compatible with ceramic capacitor (COUT = 1
µF)
Internal current and thermal limit
Package: SOT666-6L
Temperature range: -40 °C to 125 °C
Description
The STLQ015xx provides 150 mA of maximum
current from an input voltage ranging from 1.5 V
to 5.5 V, with a typical dropout voltage of 112 mV.
The key feature of this device is its quiescent
current, which is just 1.4 µA at maximum output
current. The device is stable with a ceramic
capacitor on the output. It offers very low
quiescent current, extending battery life and
making the device suitable for applications
requiring very long standby time. The enable logic
control function puts the STLQ015xx in shutdown
mode, reducing total current consumption to 1 nA.
The device also includes short-circuit constant-
current limiting and thermal protection. Typical
applications for the device are portable and
battery-powered systems, electronic sensors, and
microcontroller power supply.
SOT666
Table 1.
Device summary
Part numbers
Order codes
Output voltages
STLQ015XX25
STLQ015XG25R
2.5 V
STLQ015XX28
STLQ015XG28R
2.8 V
STLQ015XX30
STLQ015XG30R
3.0 V
STLQ015XX31
STLQ015XG31R
3.1 V
STLQ015XX33
STLQ015XG33R
3.3 V
www.st.com


Similar Part No. - STLQ015XX25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
148Kb / 4P
   NFC Dynamic Tag sensor node evaluation board
Rev 3 - June 2018
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015M12R STMICROELECTRONICS-STLQ015M12R Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
STLQ015M12R STMICROELECTRONICS-STLQ015M12R Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
More results

Similar Description - STLQ015XX25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
   150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
Texas Instruments
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com