Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD59015XX Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD59015XX
Description  150 mA low noise high PSRR linear voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015XX Datasheet(HTML) 4 Page - STMicroelectronics

  LD59015XX Datasheet HTML 1Page - STMicroelectronics LD59015XX Datasheet HTML 2Page - STMicroelectronics LD59015XX Datasheet HTML 3Page - STMicroelectronics LD59015XX Datasheet HTML 4Page - STMicroelectronics LD59015XX Datasheet HTML 5Page - STMicroelectronics LD59015XX Datasheet HTML 6Page - STMicroelectronics LD59015XX Datasheet HTML 7Page - STMicroelectronics LD59015XX Datasheet HTML 8Page - STMicroelectronics LD59015XX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin configuration
LD59015xx
4/16
Doc ID 17488 Rev 3
2
Pin configuration
Figure 2.
Pin connection (top view)
Table 2.
Pin description
Pin n°
Symbol
Function
1
IN
Input voltage
2
GND
Ground
3EN
Enable input.
Set VEN > 0.9 to turn on the device
Set VEN < 0.4 to turn off the device
4
NC
Not connected
5
OUT
Output voltage


Similar Part No. - LD59015XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD59015 STMICROELECTRONICS-LD59015 Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
LD59015C08R STMICROELECTRONICS-LD59015C08R Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
LD59015C12R STMICROELECTRONICS-LD59015C12R Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
LD59015C15R STMICROELECTRONICS-LD59015C15R Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
LD59015C18R STMICROELECTRONICS-LD59015C18R Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
More results

Similar Description - LD59015XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
logo
ON Semiconductor
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Texas Instruments
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com