Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SL74LV374 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part No. SL74LV374
Description  OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLS [System Logic Semiconductor]
Homepage  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV374 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74LV374 Datasheet HTML 1Page - System Logic Semiconductor SL74LV374 Datasheet HTML 2Page - System Logic Semiconductor SL74LV374 Datasheet HTML 3Page - System Logic Semiconductor SL74LV374 Datasheet HTML 4Page - System Logic Semiconductor SL74LV374 Datasheet HTML 5Page - System Logic Semiconductor SL74LV374 Datasheet HTML 6Page - System Logic Semiconductor SL74LV374 Datasheet HTML 7Page - System Logic Semiconductor SL74LV374 Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SL74LV374
System Logic
Semiconductor
SLS
OCTAL D-TIME FLIP-FLOP; POSITIVE EDGE-
TRIGGER (3-StatE)
SL74LV374 are compatible by pinning with SL74HC374 and
SL74HCT374 series. Input voltage levels are compatible with
standard CMOS levels.
• Output voltage levels are compatible with input levels of CMOS,
NMOS and TTL ICS.
• Supply voltage range from 2.0 to 3.2 V
• LOW input current: 1.0 µÀ; 0.1 µÀ at Ò = 25 °Ñ
• Output current 8 mÀ
• Latch current value not less than 150 mÀ at Ò = 125 °Ñ
• ESD acceptable values: not less than 2000 V as per HBM,
and not less than 200 V as per MM
ORDERING INFORMATION
SL74LV374N Plastic DIP
SL74LV374D SOIC
TA = -40
° to 125° C
for all packages
PIN ASSIGNMENT
374
OE
01
Q
0
02
D
0
03
D
1
04
Q
1
05
Q
2
06
D
2
07
D
3
08
Q
3
09
GND 10
20
19
18
17
16
15
14
13
12
11
D
7
D
6
Q
6
Q
5
D
5
D
4
Q
4
CP
V
CC
Q
7
BLOCK DIAGRAM
OE
01
Q
0
02
D
0
03
D
1
04
Q
1
05
Q
2
06
D
2
07
D
3
08
Q
3
09
19
18
17
16
15
14
13
12
11
D
7
D
6
Q
6
Q
5
D
5
D
4
Q
4
CP
Q
7
Pin 20=VCC
Pin 10 = GND
FUNCTION TABLE
Inputs
Output
OE
CP
Dn
Qn
L
H
H
L
L
L
L
L, H,
X
no change
H
X
X
Z


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn