Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SL74LV374 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part No. SL74LV374
Description  OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLS [System Logic Semiconductor]
Homepage  http://www.slsemicon.co.kr/e_index.htm
Logo 

SL74LV374 Datasheet(HTML) 3 Page - System Logic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SL74LV374
System Logic
Semiconductor
SLS
DC CHARACTERISTICS
Test
VCC,
Limits
Symbol
Parameter
coditions
V
25
°C
-40
°C to
85
°C
125
°C
Unit
min max min max min max
VIH
HIGH level input
voltage
VO = VCC-0.1 V
1.2
2.0
3.0
3.6
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
V
VIL
LOW level input
voltage
VO =0.1 V
1.2
2.0
3.0
3.6
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
V
VOH
HIGH level
output voltage
VI = VIH or VIL
IO = -50
µÀ
1.2
2.0
3.0
3.6
1.1
1.92
2.92
3.52
-
-
-
-
1.0
1.9
2.9
3.5
-
-
-
-
1.0
1.9
2.9
3.5
-
-
-
-
V
VI = VIH or VIL
IO = -8 mÀ
3.0
2.48
-
2.34
-
2.20
-
V
VOL
LOW level
output voltage
VI = VIH or VIL
IO = 50
µÀ
1.2
2.0
3.0
3.6
-
-
-
-
0.09
0.09
0.09
0.09
-
-
-
-
0.1
0.1
0.1
0.1
-
-
-
-
0.1
0.1
0.1
0.1
V
VI = VIH or VIL
IO = 8 mÀ
3.0
-
0.33
-
0.4
-
0.5
V
II
Input leakage
current
VI = VCC èëè
0 V
3.6
-
±0.1
-
±1.0
-
±1.0
µÀ
IOZ
Output OFF-
state current
3-state outputs
VI = VIL or VIH
VO =VCC or 0 V
3.6
-
±0.5
-
±5
-
±10
µÀ
ICC
Suply current
VI =VCC or 0 V
IO = 0
µÀ
3.6
-
8.0
-
80
-
160
µÀ


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn