Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SL74LV374 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part No. SL74LV374
Description  OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV374 Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL74LV374 Datasheet HTML 1Page - System Logic Semiconductor SL74LV374 Datasheet HTML 2Page - System Logic Semiconductor SL74LV374 Datasheet HTML 3Page - System Logic Semiconductor SL74LV374 Datasheet HTML 4Page - System Logic Semiconductor SL74LV374 Datasheet HTML 5Page - System Logic Semiconductor SL74LV374 Datasheet HTML 6Page - System Logic Semiconductor SL74LV374 Datasheet HTML 7Page - System Logic Semiconductor SL74LV374 Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SL74LV374
System Logic
Semiconductor
SLS
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
-0.5 to +5.0
V
IIK *
1
Input diode current
±20
IOK *
2
Output diode current
±50
IO *
3
Output source or sink current
±35
ICC
Bus driver outputs
±70
IGND
Ground current
±70
PD
Power dissipation per package,
Plastic DIP *
4
SOIC *
4
750
500
mW
Tstg
Storage temperature range
-65 to +150
°C
*
In absolute maximum ratings modes functioning is not guaranteed. Upon lifting the absolute
maximum ratings functioning is guaranteed at the recommended operating conditions.
*
1 Provide V
I < -0.5 V or VI > VCC + 0.5 V.
*
2 Provide V
O < -0.5 V or VO > VCC + 0.5 V.
*
3 Provide -0.5 V < V
O < VCC + 0.5 V.
*
4 When operating in the temperature range of 70
°C to 125°C power dissipation value decreases
- for Plastic DIP by 12 mW/
°C
- for SOIC by 8 mW/
°C
RECOMMENDED OPERATING MODES
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
1.2
3.6
V
VIN
Input voltage
0
VCC
V
VOUT
Output voltage
0
VCC
V
TA
Operating ambient temperature range.
For all types packages
-40
125
°C
tLH, tHL
Input rise and fall times
VCC =1.2 V
VCC =2.0 V
VCC =3.0 V
VCC =3.6 V
0
1000
700
500
400
ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn