Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P600 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P600
Description  Glass Passivated Junction TVS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P600 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P600 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P600 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNI-POLAR
BI-POLAR
15KPA17A
15KPA17CA
17
18.99
20.79
50
515.4
5000
29.3
15KPA18A
15KPA18CA
18
20.11
22.01
50
488.7
5000
30.9
15KPA20A
15KPA20CA
20
22.34
24.46
20
440.2
1500
34.3
15KPA22A
15KPA22CA
22
24.57
26.91
10
407.0
500
37.1
15KPA24A
15KPA24CA
24
26.81
29.35
5
371.0
150
40.7
15KPA26A
15KPA26CA
26
29.04
31.80
5
343.2
50
44.0
15KPA28A
15KPA28CA
28
31.28
34.24
5
317.9
25
47.5
15KPA30A
15KPA30CA
30
33.51
36.69
5
297.8
15
50.7
15KPA33A
15KPA33CA
33
36.9
40.4
5
276.1
10
54.7
15KPA36A
15KPA36CA
36
40.2
44.0
5
252.5
10
59.8
15KPA40A
15KPA40CA
40
44.7
48.9
5
229.5
10
65.8
15KPA43A
15KPA43CA
43
48.0
52.6
5
216.3
10
69.8
15KPA45A
15KPA45CA
45
50.3
55.0
5
207.4
10
72.8
15KPA48A
15KPA48CA
48
53.6
58.7
5
194.3
10
77.7
15KPA51A
15KPA51CA
51
57.0
62.4
5
182.1
10
82.9
15KPA54A
15KPA54CA
54
60.3
66.0
5
172.2
10
87.7
15KPA58A
15KPA58CA
58
64.8
70.9
5
161.0
10
93.8
15KPA60A
15KPA60CA
60
67.0
73.4
5
155.0
10
97.4
15KPA64A
15KPA64CA
64
71.5
78.3
5
144.9
10
104.2
15KPA70A
15KPA70CA
70
78.2
85.6
5
132.9
10
113.6
15KPA75A
15KPA75CA
75
83.8
91.7
5
123.8
10
122.0
15KPA78A
15KPA78CA
78
87.1
95.4
5
119.7
10
126.1
15KPA85A
15KPA85CA
85
94.9
104.0
5
109.7
10
137.6
15KPA90A
15KPA90CA
90
100.5
110.1
5
103.7
10
145.6
15KPA100A
15KPA100CA
100
111.7
122.3
5
93.6
10
161.3
15KPA110A
15KPA110CA
110
122.9
134.5
5
84.5
10
178.6
15KPA120A
15KPA120CA
120
134.0
146.8
5
78.5
10
192.3
15KPA130A
15KPA130CA
130
145.2
159.0
5
72.5
10
208.3
15KPA150A
15KPA150CA
150
167.6
183.5
5
62.4
10
241.9
15KPA160A
15KPA160CA
160
178.7
195.7
5
58.4
10
258.6
15KPA170A
15KPA170CA
170
189.9
207.9
5
55.4
10
272.7
15KPA180A
15KPA180CA
180
201.1
220.1
5
52.3
10
288.5
15KPA200A
15KPA200CA
200
223.4
244.6
5
47.3
10
319.1
15KPA220A
15KPA220CA
220
245.7
269.1
5
35.2
10
428.6
15KPA240A
15KPA240CA
240
268.1
293.5
5
39.3
10
384.6
15KPA260A
15KPA260CA
260
290.4
318.0
5
36.2
10
416.7
15KPA280A
15KPA280CA
280
312.8
342.4
5
33.2
10
454.5
For bidirectional type having Vrwm of 30 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM IR
A)
MAXIMUN
CLAMPING
VOLTAGE
@IPP VC (V)
15KPA
PART NUMBER
REVERSE
STAND- OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX. @IT
TEST
CURRENT
IT (mA)
15KPA SERIES
Glass Passivated Junction TVS
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - P600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P600 ETC2-P600 Datasheet
236Kb / 5P
   6A Power Diodes
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Shenzhen Luguang Electr...
P600 LUGUANG-P600 Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
logo
Vishay Siliconix
P600 VISHAY-P600 Datasheet
240Kb / 9P
   Packaging Information
Revision: 01-Feb-13
logo
YENYO TECHNOLOGY Co., L...
P600 YENYO-P600 Datasheet
376Kb / 1P
   Dimensions in inches and
More results

Similar Description - P600

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
30KPA28A LUGUANG-30KPA28A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
20KPA20A LUGUANG-20KPA20A Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com