Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7640FMDWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7640FMDWR
Description  Low Power Quad Channels Digital Isolators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7640FMDWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7640FMDWR Datasheet HTML 4Page - Texas Instruments ISO7640FMDWR Datasheet HTML 5Page - Texas Instruments ISO7640FMDWR Datasheet HTML 6Page - Texas Instruments ISO7640FMDWR Datasheet HTML 7Page - Texas Instruments ISO7640FMDWR Datasheet HTML 8Page - Texas Instruments ISO7640FMDWR Datasheet HTML 9Page - Texas Instruments ISO7640FMDWR Datasheet HTML 10Page - Texas Instruments ISO7640FMDWR Datasheet HTML 11Page - Texas Instruments ISO7640FMDWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ISO7640FM
ISO7641FM
SLLSE89D – SEPTEMBER 2011 – REVISED JULY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
VCC1 at 3.3 V ± 10% and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 1
OUTx on VCC1 (3.3 V) side
VCC1–0.4
3
OUTx on VCC2 (5 V) side
VCC2–0.8
4.8
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 1
OUTx on VCC1 (3.3 V) side
VCC1–0.1
3.3
OUTx on VCC2 (5 V) side
VCC2–0.1
5
IOL = 4 mA; see Figure 1
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 1
0
0.1
VI(HYS)
Input threshold voltage hysteresis
430
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
-10
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 4
25
50
kV/
μs
SWITCHING CHARACTERISTICS
VCC1 at 3.3 V ± 10% and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
4
7.5
12.5
See Figure 1
PWD(1)
Pulse width distortion |tPHL – tPLH|
2
Same-direction Channels
2.5
ns
tsk(o)
(2)
Channel-to-channel output skew time
Opposite-direction Channels
3.5
tsk(pp)
(3)
Part-to-part skew time
6
tr
Output signal rise time
1.7
See Figure 1
ns
tf
Output signal fall time
1.1
Disable Propagation Delay, high-to-high impedance
tPHZ
5.5
17
output
Disable Propagation Delay, low-to-high impedance
tPLZ
5.5
17
output
See Figure 2
ns
Enable Propagation Delay, high impedance-to-high
tPZH
4.5
17
output
Enable Propagation Delay, high impedance-to-low
tPZL
4.5
17
output
Fail-safe output delay time from input data or power
tfs
See Figure 3
9.5
μs
loss
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ISO7640FM ISO7641FM


Similar Part No. - ISO7640FMDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7640FC TI-ISO7640FC Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Triple and Quad Channels Digital Isolators
More results

Similar Description - ISO7640FMDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7631FM TI1-ISO7631FM_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Power Triple and Quad-Channels Digital Isolators
ISO7631FM TI-ISO7631FM Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Triple and Quad Channels Digital Isolators
logo
Silicon Laboratories
SI8640BA-B-IU SILABS-SI8640BA-B-IU Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI864X SKYWORKS-SI864X Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
logo
Texas Instruments
ISO7131CCDBQ TI1-ISO7131CCDBQ Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7141FCCDBQR TI-ISO7141FCCDBQR Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140CCDBQ TI-ISO7140CCDBQ Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CC TI1-ISO7131CC Datasheet
546Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com