Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK73H1JLTD2003F Datasheet(PDF) 5 Page - International Rectifier

Part # RK73H1JLTD2003F
Description  12A Highly Integrated SupIRBuck IR3476 TM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RK73H1JLTD2003F Datasheet(HTML) 5 Page - International Rectifier

  RK73H1JLTD2003F Datasheet HTML 1Page - International Rectifier RK73H1JLTD2003F Datasheet HTML 2Page - International Rectifier RK73H1JLTD2003F Datasheet HTML 3Page - International Rectifier RK73H1JLTD2003F Datasheet HTML 4Page - International Rectifier RK73H1JLTD2003F Datasheet HTML 5Page - International Rectifier RK73H1JLTD2003F Datasheet HTML 6Page - International Rectifier RK73H1JLTD2003F Datasheet HTML 7Page - International Rectifier RK73H1JLTD2003F Datasheet HTML 8Page - International Rectifier RK73H1JLTD2003F Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
August 8, 2012 | ADVANCED DATASHEET | V2.1 | PD97603
5
IR3476
12A Highly Integrated SupIRBuck
TM
PIN DESCRIPTIONS
PIN #
PIN NAME
I/O LEVEL
PIN DESCRIPTION
1
FCCM
3.3V
Forced Continuous Conduction Mode (CCM). Ground this pin to enable diode
emulation mode or discontinuous conduction mode (DCM). Pull this pin to 3.3V
to operate in CCM under all load conditions.
2
ISET
Connecting resistor to PHASE pin sets over current trip point.
3
PGOOD
5V
Power good open drain output – pull up with a resistor to 3.3V
4, 17
GND
Reference
Bias return and signal reference.
5
FB
3.3V
Inverting input to PWM comparator, OVP / PGOOD sense.
6
SS
3.3V
Soft start/shutdown. This pin provides user programmable soft-start function.
Connect an external capacitor from this pin to GND to set the startup time of the
output voltage. The converter can be shutdown by pulling this pin below 0.3V.
7
NC
-
-
8
3VCBP
3.3V
For internal LDO. Bypass with a 1.0µF capacitor to GND.
9
NC
-
-
10
VCC
5V
VCC input. Gate drive supply. A minimum of 1.0µF ceramic capacitor is required.
11
PGND
Reference
Power return.
12
PHASE
VIN
Phase node (or switching node) of MOSFET half bridge.
13
VIN
VIN
Input voltage for the system.
14
BOOT
VIN + VCC
Bootstrapped gate drive supply – connect a capacitor to PHASE.
15
FF
VIN
Input voltage feed forward – sets on-time with a resistor to VIN.
16
EN
5V
Enable pin to turn on and off the device. Use two external resistors to set the
turn on threshold (see Electrical Specifications) for input voltage monitoring.


Similar Part No. - RK73H1JLTD2003F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RK73H1JLTD2003F IRF-RK73H1JLTD2003F Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
RK73H1JLTD2003F IRF-RK73H1JLTD2003F Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
RK73H1JLTD2003F IRF-RK73H1JLTD2003F Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
RK73H1JLTD2003F IRF-RK73H1JLTD2003F Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
RK73H1JLTD2003F IRF-RK73H1JLTD2003F Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - RK73H1JLTD2003F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com