Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7221CHD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221CHD
Description  DUAL DIGITAL ISOLATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7221CHD Datasheet(HTML) 3 Page - Texas Instruments

  ISO7221CHD Datasheet HTML 1Page - Texas Instruments ISO7221CHD Datasheet HTML 2Page - Texas Instruments ISO7221CHD Datasheet HTML 3Page - Texas Instruments ISO7221CHD Datasheet HTML 4Page - Texas Instruments ISO7221CHD Datasheet HTML 5Page - Texas Instruments ISO7221CHD Datasheet HTML 6Page - Texas Instruments ISO7221CHD Datasheet HTML 7Page - Texas Instruments ISO7221CHD Datasheet HTML 8Page - Texas Instruments ISO7221CHD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ISO7221C-HT
www.ti.com
SLLSE78
– APRIL 2011
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage(1), VCC1, VCC2
3
5.5
V
IOH
High-level output current
4
mA
IOL
Low-level output current
–4
mA
tui
Input pulse width(2)
40
33
ns
1/tui
Signaling rate(2)
0
30
25
Mbps
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
0
0.8
V
TA
Operating temperature
–55
175
°C
(1)
For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V.
For the 3-V operation, VCC1 or VCC2 is specified from 3 V to 3.6 V.
(2)
Typical signaling rate and Input pulse width are measured at ideal conditions at 25
°C.
ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 at 5-V
(1) OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ICC1
25 Mbps
VI = VCC or 0 V, no load
12
22
mA
ICC2
25 Mbps
VI = VCC or 0 V, no load
12
22
IOH = –4 mA, See Figure 1
VCC – 0.8
4.6
VOH
High-level output voltage
V
IOH = –20 μA, See Figure 1
VCC – 0.1
5
IOL = 4 mA, See Figure 1
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 1
0
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
IN from 0 V to VCC
11
μA
IIL
Low-level input current
IN from 0 V to VCC
–11
μA
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
1
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 3
25
50
kV/
μs
(1)
For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V.
For the 3-V operation, VCC1 or VCC2 is specified from 3 V to 3.6 V.
SWITCHING CHARACTERISTICS: VCC1 and VCC2 at 5-V OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpLH, tpHL
Propagation delay
See Figure 1
21
32
43
ns
PWD
Pulse-width distortion |tpHL – tpLH|
(1)
See Figure 1
1
2
ns
tsk(pp)
Part-to-part skew (2)
10
ns
tsk(o)
Channel-to-channel output skew (3)
0.2
5
ns
tr
Output signal rise time
See Figure 1
1
ns
tf
Output signal fall time
See Figure 1
1
ns
tfs
Failsafe output delay time from input power loss
See Figure 2
3
μs
(1)
Also referred to as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :ISO7221C-HT


Similar Part No. - ISO7221CHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7221C TI-ISO7221C Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7221C TI-ISO7221C Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7221C TI-ISO7221C Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7221C-Q1 TI1-ISO7221C-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7221CD TI-ISO7221CD Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results

Similar Description - ISO7221CHD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
   Dual channel digital isolator
Rev 2 - January 2023
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
   Dual-Channel Digital Isolator
REV. C
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
   Dual-Channel Digital Isolator
Rev. D
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
   High Speed Dual Digital Isolator
logo
Texas Instruments
ISO722XEVM TI1-ISO722XEVM Datasheet
438Kb / 12P
[Old version datasheet]   Dual-Channel Digital Isolator EVM
ISO7420FCC TI1-ISO7420FCC_15 Datasheet
4Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolator
ISO7420FCC TI1-ISO7420FCC Datasheet
1,009Kb / 21P
[Old version datasheet]   Low-Power Dual Channel Digital Isolator
logo
STMicroelectronics
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
   Dual channel digital isolator evaluation board
Rev 1 - November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com