Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISO7221C-HT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part No. ISO7221C-HT
Description  DUAL DIGITAL ISOLATOR
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7221C-HT Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7221C-HT Datasheet HTML 8Page - Texas Instruments ISO7221C-HT Datasheet HTML 9Page - Texas Instruments ISO7221C-HT Datasheet HTML 10Page - Texas Instruments ISO7221C-HT Datasheet HTML 11Page - Texas Instruments ISO7221C-HT Datasheet HTML 12Page - Texas Instruments ISO7221C-HT Datasheet HTML 13Page - Texas Instruments ISO7221C-HT Datasheet HTML 14Page - Texas Instruments ISO7221C-HT Datasheet HTML 15Page - Texas Instruments ISO7221C-HT Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ISO7221C-HT
SLLSE78
– APRIL 2011
www.ti.com
Insulation:
Operational insulation
— Insulation needed for the correct operation of the equipment.
Basic insulation
— Insulation to provide basic protection against electric shock.
Supplementary insulation
— Independent insulation applied in addition to basic insulation in order to ensure
protection against electric shock in the event of a failure of the basic insulation.
Double insulation
— Insulation comprising both basic and supplementary insulation.
Reinforced insulation
— A single insulation system which provides a degree of protection against electric shock
equivalent to double insulation.
Pollution Degree:
Pollution Degree 1
— No pollution, or only dry, nonconductive pollution occurs. The pollution has no influence.
Pollution Degree 2
— Normally, only nonconductive pollution occurs. However, a temporary conductivity caused
by condensation must be expected.
Pollution Degree 3
— Conductive pollution occurs or dry nonconductive pollution occurs which becomes
conductive due to condensation which is to be expected.
Pollution Degree 4
– Continuous conductivity occurs due to conductive dust, rain, or other wet conditions.
Installation Category:
Overvoltage Category
— This section is directed at insulation co-ordination by identifying the transient
overvoltages which may occur, and by assigning 4 different levels as indicated in IEC 60664.
I: Signal Level
— Special equipment or parts of equipment.
II: Local Level
— Portable equipment etc.
III: Distribution Level
— Fixed installation
IV: Primary Supply Level
— Overhead lines, cable systems
Each category should be subject to smaller transients than the category above.
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :ISO7221C-HT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn