Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC24V100W3AA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # PMC24V100W3AA
Description  24V 150W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC24V100W3AA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button PMC24V100W3AA Datasheet HTML 5Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 6Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 7Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 8Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 9Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 10Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 11Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 12Page - Delta Electronics, Inc. PMC24V100W3AA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-24V150W1AA
10/13
Rev: 01,
2/11/2011
Hold Up Time,
Hold time is the time when the AC input collapses and o/p voltage retains regulation for a certain period
of time is called as hold up time. See in the picture below a typical hold up time characteristic of a
power supply. The hold time is measured until the o/p voltage remains in regulation hence it measured
until the o/p voltage reaches 95% of its set value.
 Output Voltage Adjust
The 24VDC connection is made using the "+" and "–" screw connections. At the time of delivery, the
output voltage is 24VDC. The output voltage can be set from 22 to 28VDC on the potentiometer seen
as Adjust on the front panel of each power supply.


Similar Part No. - PMC24V100W3AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC24V100W3AA DELTA-PMC24V100W3AA Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC24V100W3AA DELTA-PMC24V100W3AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
More results

Similar Description - PMC24V100W3AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
PMC-DSPV100W1A DELTA-PMC-DSPV100W1A Datasheet
925Kb / 13P
   Dual 24V/5V 100W 1 Phase
logo
List of Unclassifed Man...
901150012EMS ETC2-901150012EMS Datasheet
383Kb / 2P
   LED CV DC 150W 12V, 24V
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
logo
Applied Motion Products...
PS150A24 AMP-PS150A24 Datasheet
574Kb / 2P
   PS150A24 Power Supply 150W/24V with PFC Function
logo
Delta Electronics, Inc.
DRP024V480W1AA DELTA-DRP024V480W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com