Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC24V075W1BA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # PMC24V075W1BA
Description  24V 300W 1 Phase
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC24V075W1BA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button PMC24V075W1BA Datasheet HTML 2Page - Delta Electronics, Inc. PMC24V075W1BA Datasheet HTML 3Page - Delta Electronics, Inc. PMC24V075W1BA Datasheet HTML 4Page - Delta Electronics, Inc. PMC24V075W1BA Datasheet HTML 5Page - Delta Electronics, Inc. PMC24V075W1BA Datasheet HTML 6Page - Delta Electronics, Inc. PMC24V075W1BA Datasheet HTML 7Page - Delta Electronics, Inc. PMC24V075W1BA Datasheet HTML 8Page - Delta Electronics, Inc. PMC24V075W1BA Datasheet HTML 9Page - Delta Electronics, Inc. PMC24V075W1BA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Panel Mount Power Supply
Technical Information
PMC-24V300W1BA
6/6
Rev: 01,
3/21/2011
Engineering Data
 Derating Curve
PMC-24V300W1BA
Note:
1. Do not use the Power Supply in areas
outside the shaded portion as shown in
the above graph, internal parts may
occasionally
deteriorate
or
be
damaged.
2. For the power derating refer above
graph ambient temperature > 50°C,
the output capacity has to be reduced
by
2.5%
per
Kelvin
increase
in
temperature. If the output capacity is
not reduced when Amb > 50°C device
will run into thermal protection by
switching off i.e. device will go in
bouncing mode and will recover when
Amb is lowered or load is reduced as
far as necessary to keep device in
working condition.
3. If the power supply has to be mounted
in any other direction please contact
your service provider.
4. In order for the device to function in
the
manner
intended,
it
is
also
necessary to observe lateral spacing of
2 cm to other modules.
5. Depending on the ambient temperature
and load of the device, the temperature
of the housing can become very high!


Similar Part No. - PMC24V075W1BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC24V075W1AA DELTA-PMC24V075W1AA Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC24V075W1AA DELTA-PMC24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
PMC24V075W1AA DELTA-PMC24V075W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
More results

Similar Description - PMC24V075W1BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
   24V 75W 1 Phase
PMC-DSPV100W1A DELTA-PMC-DSPV100W1A Datasheet
925Kb / 13P
   Dual 24V/5V 100W 1 Phase
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
DRP024V480W1AA DELTA-DRP024V480W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 1 Phase
DRP024V240W1AA DELTA-DRP024V240W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 240W 1 Phase
DRP024V060W1AA DELTA-DRP024V060W1AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 60W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com