Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO35TDWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35TDWR
Description  Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO35TDWR Datasheet(HTML) 3 Page - Texas Instruments

  ISO35TDWR Datasheet HTML 1Page - Texas Instruments ISO35TDWR Datasheet HTML 2Page - Texas Instruments ISO35TDWR Datasheet HTML 3Page - Texas Instruments ISO35TDWR Datasheet HTML 4Page - Texas Instruments ISO35TDWR Datasheet HTML 5Page - Texas Instruments ISO35TDWR Datasheet HTML 6Page - Texas Instruments ISO35TDWR Datasheet HTML 7Page - Texas Instruments ISO35TDWR Datasheet HTML 8Page - Texas Instruments ISO35TDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ISO35T
www.ti.com
SLLSE26C
– NOVEMBER 2010 – REVISED AUGUST 2011
vertical spacer
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VCC1,VCC2
Input supply voltage(2)
–0.3 to 6
V
VA,VB,VY,VZ Voltage at any bus I/O terminal (A, B, Y, Z)
–9 to 14
V
VD1,VD2
Voltage at D1, D2
14
V
V(TRANS)
Voltage input, transient pulse through 100
Ω, see Figure 12 (A,B,Y,Z)
–50 to +50
V
VI
Voltage input at any D, DE or RE terminal
–0.5 to 7
V
IO
Receiver output current
±10
mA
ID1,ID2
Transformer Driver Output Current
450
mA
Bus pins and GND1
±6
kV
JEDEC Standard 22, Test Method
Human Body Model
Bus pins and GND2
±16
kV
A114-C.01
Electrostatic
All pins
±4
kV
ESD
discharge
Charged Device Model
JEDEC Standard 22, Test Method
±1.5
kV
C101
All pins
Machine Model
ANSI/ESDS5.2-1996
±200
V
TJ
Maximum junction temperature
170
°C
TSTG
Storage temperature
-65 to 150
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VCC1,VCC2
Supply Voltage
3.0
3.3
3.6
V
VI or VIC
Voltage at any bus terminal (separately or common-mode)
–7
12
V
VIH
High-level input voltage
2
VCC
D, DE, RE
V
VIL
Low-level input voltage
0
0.8
VID
Differential input voltage
A with respect to B
–12
12
V
RL
Differential load resistance
54
60
Ω
Driver
–60
60
IO
Output Current
mA
Receiver
–8
8
TA
Ambient temperature
-40
85
°C
TJ
Operating junction temperature
–40
150
°C
1 / tUI
Signaling Rate
1
Mbps
SUPPLY CURRENT
& COMMON MODE TRANSIENT IMMUNITY
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC1
(1)
Logic-side quiescent supply
DE
& RE = 0V or VCC1 (Driver and Receiver Enabled or
4.5
8
mA
current
Disabled), D = 0 V or VCC1, No load
ICC2
(1)
Bus-side quiescent supply
RE = 0 V or VCC1, DE = 0 V (driver disabled), No load
7.5
13
mA
current
RE = 0 V or VCC1, DE = VCC1 (driver enabled), D = 0 V or VCC1,
9
16
No Load
CMTI
Common-mode transient
See Figure 13
25
50
kV/
µs
immunity
(1)
ICC1 and ICC2 are measured when device is connected to external power supplies, VCC1 & VCC2. In this case, D1 & D2 are open and
disconnected from external transformer.
Copyright
© 2010–2011, Texas Instruments Incorporated
3


Similar Part No. - ISO35TDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO35TDWR TI1-ISO35TDWR Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
More results

Similar Description - ISO35TDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Texas Instruments
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com