Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC24V035W1AA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PMC24V035W1AA
Description  24V 75W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC24V035W1AA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PMC24V035W1AA Datasheet HTML 1Page - Delta Electronics, Inc. PMC24V035W1AA Datasheet HTML 2Page - Delta Electronics, Inc. PMC24V035W1AA Datasheet HTML 3Page - Delta Electronics, Inc. PMC24V035W1AA Datasheet HTML 4Page - Delta Electronics, Inc. PMC24V035W1AA Datasheet HTML 5Page - Delta Electronics, Inc. PMC24V035W1AA Datasheet HTML 6Page - Delta Electronics, Inc. PMC24V035W1AA Datasheet HTML 7Page - Delta Electronics, Inc. PMC24V035W1AA Datasheet HTML 8Page - Delta Electronics, Inc. PMC24V035W1AA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-24V075W1AA
2/13
Rev: 01,
2/11/2011
Technical Data
PMC-24V075W1AA
1.) Input Data
Nominal AC Input Voltage
100 - 240VAC
Input Voltage range
85 - 264VAC
Nominal AC Input Frequency
50Hz
AC Input Frequency
47 - 63Hz
DC Input Voltage Range
120 – 375VDC
Max. Input Current
1.8A Max.(1.5A @ 115VAC, 1.0A @ 230VAC)
Efficiency
> 86% @ 230VAC & 115VAC
Max. Inrush current limitation.(Cold Start)
< 40A @ 115VAC, < 80A @ 230VAC
Leakage Current
< 1.0mA @ 240VAC
Transient surge voltage protection
VARISTOR
Input fuse, internal (device protection)
T 3.15 AH / 250V
Recommended backup fuse: Power circuit-breaker characteristic
6A ,10A,16A : B
2.) Output Data
Max. Output Power
75W
Nominal Output Voltage
24 VDC
Tolerance
+/- 2% (Initial Set Point tolerance)
Output Voltage Adjust Range
22 – 28 VDC
Nominal Output Current
3.125 A
Line Regulation
< 0.5% Typical @ 85 to 264VAC input, 100% load
Load Regulation
< 1% Typical @ rated input, 0 to 100% load
Startup with capacitive loads
Max 8,000µF (@ Nominal Input Voltage & Nominal O/P Voltage,25°C)
Residual Ripple Voltage (20MHz BW @ 25°C)
< 100mVpp.
Total PARD (Peak switching 20MHz BW @ nominal values)
< 150mVpp.
Power Derating above +50°C ambient Temp.
Derated Linearly 2.5% / °C
Rise Time
< 30 ms @ full load, 25°C
Start-Up Time
< 2.5 s @ full load, 25°C
Main Buffering (Hold-Up Time ,Power failure bypass)
> 90ms @ 230VAC & > 15ms @ 115VAC, 25°C
Dynamic Response (Overshoot & Undershoot O/P Voltage)
+/-5% of 10% - 90% of full load.
Parallel connection (Redundancy)
YES
with External Diode or Redundancy module (DRR-20A or DRR-40A)
Surge voltage protection against internal surge voltages
YES
3.) Protection
Over Voltage Protection
> 32V +/-10%, SELV output, Non-Latching (Auto recovery).
Over load Protection
> 120% of rated load current, Auto Recovery (Hicc-up Mode).
Over current Protection
> 120% of rated load current, Auto Recovery (Hicc-up Mode).
Over Temperature Protection
> 50°C Ambient Temp @ Max Load. Non-Latching (Auto-recovery).
Short Circuit Protection
Bouncing mode and recovers automatically when the fault is removed.
4.) Environmental
Ambient temperature (Operating)
-20°C to +50°C, with operation to 70°C possible with a linear derating to
50% of nominal power from 50°C.
Ambient temperature (Storage)
-25°C to 85°C
Humidity Operation
< 95% RH non-condensing
Shock Test (in all directions)
30G (300m/S2) according to IEC60068-2-27
Vibration (in all X,Y,Z direction)
(Non-Operating)
10 to 150Hz @ 50m/S
2 (5G peak) according to IEC 60068-2-6.
Note: all figures quoted are amplitudes (peak values).
Bump
IEC/EN 60068-2-29; 11ms/ 10gn
MTBF
> 700,000 Hours.
Expected Life Time
10 years.
RoHS Compliant
Yes, RoHS directive, WEEE directive
Altitude (Operating)
@ 3,000 Meters
Degree of protection
IPX0
Class of protection
Class I with PE connection
Pollution degree
2
Climatic class
3K3 according to EN 60721


Similar Part No. - PMC24V035W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC24V035W1AA DELTA-PMC24V035W1AA Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC24V035W1AA DELTA-PMC24V035W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
More results

Similar Description - PMC24V035W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
logo
Weidmuller
2660200283 WEIDMULLER-2660200283 Datasheet
150Kb / 3P
   PRO PM 75W 24V 3.2A
logo
Delta Electronics, Inc.
PMC-DSPV100W1A DELTA-PMC-DSPV100W1A Datasheet
925Kb / 13P
   Dual 24V/5V 100W 1 Phase
logo
M/A-COM Technology Solu...
FH2114 MA-COM-FH2114 Datasheet
86Kb / 1P
   RF Power MOSFET Transistor 75W, 30-90MHz, 24V
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
logo
Tyco Electronics
FH2114 MACOM-FH2114 Datasheet
73Kb / 1P
   RF MOSFET Power Transistor, 75W, 24V 30-90 MHz
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com