Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM72F10 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM72F10
Description  8MB Synchronous Fast Static RAM Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM72F10 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM72F10 Datasheet HTML 3Page - Motorola, Inc MCM72F10 Datasheet HTML 4Page - Motorola, Inc MCM72F10 Datasheet HTML 5Page - Motorola, Inc MCM72F10 Datasheet HTML 6Page - Motorola, Inc MCM72F10 Datasheet HTML 7Page - Motorola, Inc MCM72F10 Datasheet HTML 8Page - Motorola, Inc MCM72F10 Datasheet HTML 9Page - Motorola, Inc MCM72F10 Datasheet HTML 10Page - Motorola, Inc MCM72F10 Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MCM72F10
7
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(3.6 V
≥ VDD ≥ 3.1 V, TJ = 20 to + 110°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.25 V
. . . . . . . . . . . . . .
Input Pulse Levels
0 to 2.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Slew Rate (See Notes 1 and 2)
1.0 V/ns
. . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.25 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 2 Unless Otherwise Noted
. . . . . . . . . . . . . .
Output Rise/Fall Time
1.8 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DATA RAMs READ/WRITE CYCLE TIMING (See Notes 1, 2, and 3)
P
Sb l
MCM72F10–8
MCM72F10–9
MCM72F10–12
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
10
11
16.6
ns
Clock Access Time
tKHQV
8
9
12
ns
4
Output Enable to Output Valid
tGLQV
3.5
3.5
5
ns
4
Clock High to Output Active
tKHQX1
0
0
0
ns
4, 5, 6, 7
Clock High to Output Change
tKHQX2
2
2
2
ns
4, 6
Output Enable to Output Active
tGLQX
0
0
0
ns
4, 5, 6
Output Disable to Q High–Z
tGHQZ
3.5
3.5
3.5
ns
4, 5, 6
Clock High to Q High–Z
tKHQZ
2
3.5
2
3.5
2
3.5
ns
4, 5, 6, 7
Clock High Pulse Width
tKHKL
4
4.5
5
ns
Clock Low Pulse Width
tKLKH
4
4.5
5
ns
Setup Times:
Address
ADSP
Data In
Write
Chip Enable
tAVKH
tADKH
tDVKH
tWVKH
tEVKH
2
2
2
ns
Hold Times:
Address
ADSP, ADSC, ADV
Data In
Write
Chip Enable
tKHAX
tKHADX
tKHDX
tKHWX
tKHEX
0.5
0.5
0.5
ns
NOTES:
1. In setup and hold times, write refers to either any SBx and SW or SGW is low.
2. Chip enable is defined as SE1 low, SE2 high, and SE3 low whenever ADSP or ADSC is asserted.
3. All read and write cycle timings are referenced from K or G.
4. Tested per AC Test Load (Figure 2).
5. Measured at
± 200 mV from steady state. Tested per High–Z Test Load (Figure 2).
6. This parameter is sampled and not 100% tested.
7. At any given voltage and temperature, tKHQZ (Max) is less than tKHQX1 (Min) for a given device and from device to device.
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.25 V
Figure 2. AC Test Load


Similar Part No. - MCM72F10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG10 MOTOROLA-MCM72F6ADG10 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG12 MOTOROLA-MCM72F6ADG12 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6ADG9 MOTOROLA-MCM72F6ADG9 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
More results

Similar Description - MCM72F10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM36F6 MOTOROLA-MCM36F6 Datasheet
118Kb / 10P
   256KB and 512KB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
   2MB and 4MB Synchronous Fast Static RAM Module
logo
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
   32K x 32 SYNCHRONOUS FAST STATIC RAM
logo
Weida Semiconductor, In...
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
   8Mb (512K x 16) Pseudo Static RAM
logo
Motorola, Inc
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com