Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN61000-4-4 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # EN61000-4-4
Description  Panel Mount Power Supply 5V 35W 1Phase
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

EN61000-4-4 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button EN61000-4-4 Datasheet HTML 2Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 3Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 4Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 5Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 6Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 7Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 8Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 9Page - Delta Electronics, Inc. EN61000-4-4 Datasheet HTML 10Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Panel Mount Power Supply 5V 35W 1Phase
www.DeltaPSU.com
7
Inrush Current
Inrush Current is the first surge current seen on the
input side when AC input is applied to the power
supply. It is the first pulse captured; see a typical
picture for the inrush current as seen in the power
supply.
Start Up Time
Start up time is measured from the point AC input is
applied and the o/p voltage reaches within 90% of its
set value. See picture below for a typical start up time
characteristic of a power supply.
Rise Time
Rise time is the time needed for o/p voltage to rise
from 10% of its set value to 90% of its set value. See
the picture below for a typical rise time measurement
in a power supply.
Hold Up Time
Hold-up time is the duration which output voltage
retains regulation while AC input collapses. Picture
below is a typical hold-up time characteristic.
Output Voltage Adjust
The 5 VDC connection is made using the "+" and "
–" screw
connections. At the time of delivery, the output voltage is 5
V DC. The output voltage can be set from 4.75 to 5.5 VDC
on the potentiometer seen as Adjust on the front panel of
each power supply.
Dynamic Load
The Power Supply is capable of dynamic output
voltage load change from 2% to 100% within +/-5%
regulation limits. See picture below on the dynamic
behavior the Power Supply.
ENVIRONMENT
Ambient temperature (Operating)
-10°C to +50°C, with operation to 70°C possible with a linear
derating to half power from 50°C to 70°C.
Operating Humidity
< 95%RH
Ambient temperature (Storage)
-25°C to 85°C
Altitude (Operating)
3,000 Meters
Shock Test
IEC60068-2-27, 30G (300m/s2)
Vibration (Non-Operating)
IEC60068-2-6, 10Hz to 150Hz @ 50m/s2 (5G peak) for all X,
Y, Z direction
Bump
IEC60068-2-29, 11ms/ 10gn
MTBF
> 700,000 hrs, as per BELL CORE STD or IEC61709
Tested at 115Vac & 230Vac input, 100% load, 25°C ambient
Expected Cap Life Time
10 years (115Vac & 230Vac, 50% load and 40°C ambient).
Material and Parts
RoHS directive, WEEE directive
Degree of protection
IPX0
Class of protection
Class I with PE connection
Pollution degree
2


Similar Part No. - EN61000-4-4

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EN61000-4-4 GE-EN61000-4-4 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
List of Unclassifed Man...
EN61000-4-4 ETC2-EN61000-4-4 Datasheet
122Kb / 3P
   Small and compact size
EN61000-4-4 ETC2-EN61000-4-4 Datasheet
611Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE M12 (8 PoE)
More results

Similar Description - EN61000-4-4

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-12V035W1AA DELTA-PMC-12V035W1AA Datasheet
932Kb / 2P
   Panel Mount Power Supply 12V 35W 1 Phase
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
logo
Sanyo Semicon Device
STK401-060 SANYO-STK401-060 Datasheet
1Mb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
logo
Sanyo Semicon Device
STK4162II SANYO-STK4162II Datasheet
460Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
logo
Mean Well Enterprises C...
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com