Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA198A-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA198A-Q1
Description  CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA198A-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA198A-Q1 Datasheet HTML 6Page - Texas Instruments INA198A-Q1 Datasheet HTML 7Page - Texas Instruments INA198A-Q1 Datasheet HTML 8Page - Texas Instruments INA198A-Q1 Datasheet HTML 9Page - Texas Instruments INA198A-Q1 Datasheet HTML 10Page - Texas Instruments INA198A-Q1 Datasheet HTML 11Page - Texas Instruments INA198A-Q1 Datasheet HTML 12Page - Texas Instruments INA198A-Q1 Datasheet HTML 13Page - Texas Instruments INA198A-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
V
SENSE (mV)
20
Actual
Ideal
Low VSENSE Case 2: VSENSE < 20 mV, 0 V ≤ VCM ≤ VS
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
20
22
V
SENSE (mV)
24
INA195, INA198 V
OUT Tested Limit
(1)
V
CM2
V
CM3
V
CM4
V
CM2, VCM3, and VCM4 illustrate the variance
from part to part of the V
CM that can cause
maximum V
OUT with VSENSE < 20mV.
V
OUT tested limit at
V
SENSE = 0mV, 0 ≤ VCM1 ≤ VS.
NOTE: (1) INA193, INA196 V
OUT Tested Limit = 0.4V.
INA194, INA197 V
OUT Tested Limit = 1V.
Ideal
V
CM1
INA193A-Q1, INA194A-Q1, INA195A-Q1
INA196A-Q1, INA197A-Q1, INA198A-Q1
SBOS366C – AUGUST 2006 – REVISED OCTOBER 2008............................................................................................................................................... www.ti.com
Figure 2. Example for Low VSENSE Cases 1 and 3
(INA195A, INA198A: Gain = 100)
This region of operation is the least accurate for the INA193A–INA198A family. To achieve the wide input
common-mode voltage range, these devices use two op amp front ends in parallel. One op amp front end
operates in the positive input common-mode voltage range, and the other in the negative input region. For this
case, neither of these two internal amplifiers dominates and overall loop gain is very low. Within this region, VOUT
approaches voltages close to linear operation levels for Normal Case 2. This deviation from linear operation
becomes greatest the closer VSENSE approaches 0 V. Within this region, as VSENSE approaches 20 mV, device
operation is closer to that described by Normal Case 2. Figure 3 illustrates this behavior for the INA195A. The
VOUT maximum peak for this case is tested by maintaining a constant VS, setting VSENSE = 0 mV and sweeping
VCM from 0 V to VS. The exact VCM at which VOUT peaks during this test varies from part to part, but the VOUT
maximum peak is tested to be less than the specified VOUT tested limit.
Figure 3. Example for Low VSENSE Case 2
(INA195A, INA198A: Gain = 100)
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): INA193A-Q1 INA194A-Q1 INA195A-Q1 INA196A-Q1 INA197A-Q1 INA198A-Q1


Similar Part No. - INA198A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA198A-Q1 TI-INA198A-Q1 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
More results

Similar Description - INA198A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
   Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com