Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPD33680 Datasheet(PDF) 4 Page - Texas Instruments

Part # FPD33680
Description  FPD33680 Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 480 Outputs for SXGA/UXGA Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPD33680 Datasheet(HTML) 4 Page - Texas Instruments

  FPD33680 Datasheet HTML 1Page - Texas Instruments FPD33680 Datasheet HTML 2Page - Texas Instruments FPD33680 Datasheet HTML 3Page - Texas Instruments FPD33680 Datasheet HTML 4Page - Texas Instruments FPD33680 Datasheet HTML 5Page - Texas Instruments FPD33680 Datasheet HTML 6Page - Texas Instruments FPD33680 Datasheet HTML 7Page - Texas Instruments FPD33680 Datasheet HTML 8Page - Texas Instruments FPD33680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Analog Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
DD2
Supply Current Consumption
(Note 6)
8.0
15.0
mA
V
GMA1
Upper RDAC High Side Input
(Note 7)
V
DD2/2 +
0.2
V
DD2
0.2
V
V
GMA5
Upper RDAC Low Side Input
(Note 7)
V
DD2/2 +
0.2
V
DD2
0.2
V
V
GMA6
Lower RDAC High Side Input
(Note 7)
0.2
V
DD2/2 −
0.2
V
V
GMA10
Lower RDAC Low Side Input
(Note 7)
0.2
V
DD2/2 −
0.2
V
C
LOAD
Output Capacitive Load
30
150
pF
V
OUT
Output Voltage Range
V
SS2 +
0.2
V
DD2
0.2
V
R
DAC
RDAC References (V
GMA1 to
V
GMA5 and VGMA6 to VGMA10)
each
12.0
15.0
18.0
k
V
pperr
Output Peak to Peak Error (gray
levels 0 through 58)
V
GMA1 =VDD2 − TBDV
V
GMA10 =VSS2 + TBDV
(Note 8)
±3
±10
mV
Output Peak to Peak Error (gray
levels 59 through 63)
±5
±15
mV
V
parterr
Output Part to Part Error
(Note 9)
±5mV
I
OUT RP
Repair Buffer Output Current
(Note 10)
±2
±3mA
Note 6: VDD2= 10V, VDD1 = 3.3V, fCLK = 81MHz, line time = 13.3µsec, data = maximum output swing (GMA1 to GMA10), [TIME1, TIME0] = [0,1] (charge sharing
of 32 clock cycles
Note 7: The following relationship must be maintained between the reference voltages: VDD2 >VGMA1 >VGMA2 >VGMA3 >VGMA4 >VGMA5 >VGMA6 >VGMA7
>V
GMA8 >VGMA9 >VGMA10 >VSS2
Note 8: Vpperr is meant to reflect the error in peak-to-peak output voltage for each gray level whent the output swings from the high value VHxx to the low value
VLxx. This parameter applies to every output on the die. The typical value represents one standard deviation from ideal based on tester data. The maximum value
is a constraint of the test environment, not the performance of the part.
Note 9: Vparterr is meant to guarantee the part-to-part output variation. The average of all outputs at gray level 32 is compared to a nominal gray level 32 value. The
difference is Vparterr
Note 10: Current into device pins is defined as positive. Current out of device pins is defined as negative. |VOUT −VIN| > 500mV.
20071002
FIGURE 1. RSDS Signal Definition
www.national.com
3


Similar Part No. - FPD33680

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPD33680 TI1-FPD33680_13 Datasheet
257Kb / 20P
[Old version datasheet]   Low Power, Low EMI, TFT-LCD Column Driver
More results

Similar Description - FPD33680

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD33584 NSC-FPD33584 Datasheet
294Kb / 30P
   Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
FPD33684 NSC-FPD33684 Datasheet
232Kb / 15P
   Low Power, Low EMI, TFT-LCD Column Driver with RSDS??Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
FPD03784 NSC-FPD03784 Datasheet
202Kb / 12P
   Low Power, Low EMI, TFT-LCD Column Driver with Dual, TTL Bus Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
FPD87392 NSC-FPD87392 Datasheet
1Mb / 30P
   3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
FPD87392AXA NSC-FPD87392AXA Datasheet
135Kb / 4P
   3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
logo
Texas Instruments
FPD33584 TI1-FPD33584_13 Datasheet
336Kb / 34P
[Old version datasheet]   Low Power, Low EMI, TFT-LCD Column Driver
FPD33680 TI1-FPD33680_13 Datasheet
257Kb / 20P
[Old version datasheet]   Low Power, Low EMI, TFT-LCD Column Driver
logo
National Semiconductor ...
LMC7532 NSC-LMC7532 Datasheet
31Kb / 2P
   Low EMI, Low Power XGA/SVGA TFT-LCD Column Driver
FPD87346 NSC-FPD87346 Datasheet
105Kb / 3P
   Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
FPD87208 NSC-FPD87208 Datasheet
1Mb / 20P
   2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com