Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS38C86A Datasheet(PDF) 4 Page - Texas Instruments

Part # DS38C86A
Description  DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS38C86A Datasheet(HTML) 4 Page - Texas Instruments

  DS38C86A Datasheet HTML 1Page - Texas Instruments DS38C86A Datasheet HTML 2Page - Texas Instruments DS38C86A Datasheet HTML 3Page - Texas Instruments DS38C86A Datasheet HTML 4Page - Texas Instruments DS38C86A Datasheet HTML 5Page - Texas Instruments DS38C86A Datasheet HTML 6Page - Texas Instruments DS38C86A Datasheet HTML 7Page - Texas Instruments DS38C86A Datasheet HTML 8Page - Texas Instruments DS38C86A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
(V
CC,QVCC, LI)
+6.5V
Control Input Voltage
−0.5V to V
CC + 0.5V
Driver Input and Receiver
Output (An)
−0.5V to V
CC + 0.5V
Receiver Input Current
±15 mA
Bus Voltage (Bn)
+6.5V
Bus Termination Voltage
+2.4V
ESD Bn Pins (HBM)
≥2kV
ESD other Pins (HBM)
(Note 12)
≥1.5 kV
Power Dissipation at 25˚C
PQFP (7x7) (VF48B)
1.56W
Derate PQFP Package
12.5 mW/˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec.)
260˚C
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+4.5
+5.0
+5.5
V
Bus Termination Voltage
+2.06
+2.1
+2.14
V
Operating Free Air
Temperature
0
+25
+70
˚C
DC Electrical Characteristics (Notes 2, 3)
T
A = 0˚C to +70˚C unless otherwise noted, VCC =5V ± 10%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER AND CONTROL INPUTS (CD, T/R, An, ACLK, LE and RBYP)
V
IH
Minimum Input High Voltage
2.0
V
V
IL
Maximum Input Low Voltage
0.8
V
I
IH
Input High Current
V
IN =VCC
40
µA
I
IL
Input Low Current
V
IN = 0V, (except An)
−10
µA
I
IL
Input Low Current
V
IN = 0V, (An)
−100
µA
V
CL
Input Diode Clamp Voltage
I
CLAMP = −12 mA
−1.2
V
DRIVER OUTPUT/RECEIVER INPUT (Bn)
V
OLB
Output Low Bus Voltage
(Note 5)
An=T/R=V
CC,CD=0V,
I
OL =80mA
0.75
0.9
1.1
V
I
OFF
Output Low Bus Current
An = CD = 0V, T/R = V
CC,
Bn = 0.75V
−200
µA
Output High Bus Current
An = CD = 0V, T/R = V
CC,
Bn = 2.1V
300
µA
I
OLBZ
Output Low Bus Current
T/R = CD = V
CC, Bn = 0.75V
(Chip Disabled)
−100
µA
I
OHBZ
Output High Bus Current
T/R = CD = V
CC, Bn = 2.1V
(Chip Disabled)
100
µA
V
TH
Receiver Input Threshold
T/R = CD = 0V
1.47
1.55
1.62
V
V
CLP
Positive Clamp Voltage
V
CC = Max or 0V, IBn = 1 mA
2.4
3.8
4.5
V
V
CLN
Negative Clamp Voltage
I
CLAMP = −12 mA
−1.2
V
RECEIVER OUTPUT (An)
V
OH
Voltage Output High
Bn = 1.1V, I
OH =−2mA,
T/R=CD=0V
2.5
4.8
V
Bn = 1.1V, I
OH = −100 µA,
T/R=CD=0V
4.0
V
V
OL
Voltage Output Low
Bn = 2.1V, T/R = CD = 0V,
I
OL =24mA
0.2
0.5
V
Bn = 2.1V T/R = CD = 0V,
I
OL =8mA
0.1
0.3
V
I
OZ
TRI-STATE Leakage Current
V
IN =VCC,CD=VCC,
T/R = 0V, Bn = 0.75V
10
µA
V
IN = 0.0V, CD = VCC,
T/R = 0V, Bn = 0.75V
−10
µA
www.national.com
3


Similar Part No. - DS38C86A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3800 DALLAS-DS3800 Datasheet
26Kb / 2P
   Advanced NV SRAM Battery Cap
logo
TT Electronics.
DS3801 TTELEC-DS3801 Datasheet
277Kb / 1P
   Mains Interface Relay Module
logo
Dallas Semiconductor
DS3802 DALLAS-DS3802 Datasheet
98Kb / 2P
   Advanced NV SRAM Battery
DS3803 DALLAS-DS3803 Datasheet
231Kb / 10P
   1024k Flexible NV SRAM SIMM
logo
Maxim Integrated Produc...
DS3803 MAXIM-DS3803 Datasheet
584Kb / 10P
   1024 Flexible NV SRAM SIMM
112299
More results

Similar Description - DS38C86A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
logo
Texas Instruments
SN74FB2031 TI1-SN74FB2031_14 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
Motorola, Inc
MC74LCX16543 MOTOROLA-MC74LCX16543 Datasheet
142Kb / 8P
   LOW-VOLTAGE CMOS 16-BIT LATCHING TRANSCEIVER
MC74LCX16543A MOTOROLA-MC74LCX16543A Datasheet
136Kb / 8P
   LOW-VOLTAGE CMOS 16-BIT LATCHING TRANSCEIVER
logo
Texas Instruments
SN74BCT979 TI1-SN74BCT979 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
NXP Semiconductors
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com