Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

574004U00000G Datasheet(PDF) 96 Page - Aavid, Thermal Division of Boyd Corporation

Part # 574004U00000G
Description  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

574004U00000G Datasheet(HTML) 96 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 574004U00000G Datasheet HTML 92Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 93Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 94Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 95Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 96Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 97Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 98Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 99Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 100Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
96
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Solderable Studs
Studs
Threaded solderable studs are permanently swaged in place
for quick pre-assembly with the transistor. The device is
placed over the stud (s) followed by the lock washer and
nut. This entire component is then dropped into plated-thru
holes in the printed circuit board for wave soldering. The
end of the stud is tin-plated for excellent solderability and
extends only 0.040" below a 0.062" PC board to clear lead
trimming saws.
Device mounting studs for "Thermalloy-origin"
items are available as options on certain vertical
and board mount heat sinks as a labor-saving aid
for mounting semiconductors. This optional feature
speeds production assembly time and reduces
hardware requirements.
Device Mounting Studs
Suffix
Ordering code
Dia of PCB thru hole
“A” Dim
“B” Dim
“C” Dim
Figure
SE-1
08
3.68 (0.145)
8.89 (0.350)
6-32
1.13-1.26 (0.045-0.050)
A
SE-2
06
3.68 (0.145)
12.32 (0.485)
6-32
1.14-1.27 (0.045-0.050)
A
SE-3
09
3.68 (0.145)
8.89 (0.350)
4-40
1.14-1.26 (0.045-0.050)
A
SE-4
14
3.68 (0.145)
8.89 (0.350)
6-32
3.05 (0.120)
B
SM-1
17
3.68 (0.145)
8.89 (0.350)
M3 x 0.5
3.05 (0.120)
B
SM-3
07
3.68 (0.145)
8.89 (0.350)
M3 x 0.5
1.13-1.26 (0.045-0.050)
A
Suffix
Ordering code
“A” Dim
“B” Dim
“C” Dim
“D” Dim
SF1
11
7.92 (0.312)
4-40 UNC-2A
0.25 (0.010)
4.75 (0.187)
SF2
N/A
8.00 (0.315)
M3 x 0.5
0.25 (0.010)
4.60 (0.181)
SF3
N/A
7.92 (0.312)
6-32 UNC-2A
0.25 (0.010)
5.23 (0.206)
"B"
"D"
"A"
"C"
CL
Device
Mounting
Stud
Mechanical drawing showing heat sink with device mounting studs
PC BOARD
"C"
"C"
HEAT
SINK
PC BOARD
HEAT
SINK
5.49
(0.216)
ø
"A"
"B"
"C"
501303B000 _ _ G
Ordering code
7022B–
G
B
529801B000 _ _G
Ordering code
7019B–
G
B
ORDERING INFORMATION
example 12 digit part
example
Thermalloy origin part
ORDERING INFORMATION
example 12 digit part
example
Thermalloy origin part
A
A = Model number
B = Stud suffix
C = RoHS compliant
A
A = Model number
B = Stud suffix
C = RoHS compliant
FIGURE B
FIGURE A
Typical installation
Note: Factory installed only
Note: Factory installed only
C
C


Similar Part No. - 574004U00000G

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
574004B00000 AAVID-574004B00000 Datasheet
81Kb / 2P
   For use with TO-202 packages
More results

Similar Description - 574004U00000G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com