Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

574004U00000G Datasheet(PDF) 87 Page - Aavid, Thermal Division of Boyd Corporation

Part # 574004U00000G
Description  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

574004U00000G Datasheet(HTML) 87 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 574004U00000G Datasheet HTML 83Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 84Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 85Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 86Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 87Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 88Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 89Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 90Page - Aavid, Thermal Division of Boyd Corporation 574004U00000G Datasheet HTML 91Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 116 page
background image
87
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Alignment Pads
Aavid Thermalloy has added a phase change
pad to its line-up. These pads provide low
thermal resistance and electrical isolation
for low pressure spring mount applications.
Above the phase change temperature the
material flows to fill in surface irregularities
and maximize the heat conduction path.
Interface Material/Pads
Solderable alignment pads are an innovative
way to attach the heat sink to your transistor that
could cut your assembly time by more than half.
Alignment pads provide cost effective solderability,
while providing numerous additional benefits.
Alignment pads are factory applied and can be
bought separately as well. Please refer to accessory
Index D on page 85.
Suffix
Device
Figure
8223-CL03G
TO-220
B
8241-CL11G
TO-218
A
Hi-Flow® *
(1.000)
25.40
(0.030)
0.76
(0.122)
3.10
(0.985)
25.02
(0.520)
13.21
(1.200)
30.48
(0.860)
21.84
9.40
(0.370)
5.08
(0.200)
3.25
(0.128)
1
CLIP ASSEMBLY
CL
(0.460)
11.68
(0.300)
7.62
(0.670)
17.02
0.51
(0.020)
TYP THK
14.22
(0.560)
3.18
(0.125)
0.76
(0.030)
(0.860)
21.84
5.08
(0.200)
(0.790)
20.07
Figure A
ORDERING INFORMATION
example
Thermalloy origin part 7022B–8223–CL03 G
A
B
A = Model number
B = Alignment pad
C = RoHS compliant
Figure B
Typical installation
Shown with part number 8241-CL11
Recommended hole pattern for 8223-CL03G
Recommended hole pattern for 8241-CL11G
14.73
(0.580)
7.37
(0.290)
2.54
(0.100)
2.54
(0.100)
PLATED THRU HOLE PER
DEVICE MANUFACTURERS
RECOMMENDATION
2.95
(0.116)
DIA PLATED
THRU HOLE
25.40
(1.000)
12.70
(0.500)
5.46
(0.215)
2.95
(0.116)
DIA PLATED
THRU HOLE
5.46
(0.215)
1.60
(0.063)
DIA PLATED
THRU HOLE
TYP(3)
TYP(2)
C
Reinforcement carrier
Polymide
Thickness
0.127 (0.005)
Continuous use temp (°C)
150
Phase change temp(°C)
55
Dielectric breakdown voltage (Vac)
5000
Dielectric constant (1000 Hz)
4.5
Volume resistivity (Ohm-meter)
1012
MATERIAL PROPERTIES
(1.650)
41.91
(1.140)
28.96
2X
(0.093)
2.36
2X
(0.140)
3.56
ø
ø
21.84
(0.860)
18.80
(0.740)
2.69
(0.160)
16.76
(0.660)
DIA
19.05
(0.750)
12.70
(0.500)
3.73
(0.147)
14.30
(0.563)
DIA
TO-3
TO-220
TO-218
530101B _ 5150G
Ordering code
ORDERING INFORMATION
example 12 digit part
Ordering code
Description
0
No pads
7
One Hi-Flow® pad
8
Two Hi-Flow® pads
The shape and hole pattern of the heat sink will determine the shape and hole
pattern of the pad. If you are ordering a heat sink which mounts to a semicon-
ductor on both sides, the ordering code for two pads should be used. To order
additional Hi-Flow® pads separate, or factory applied variations please contact
an Aavid sales rep for inquiries.
Thermal impedance vs. pressure
Pressure
10
25
50
200
TO-220 Thermal performance (ºC/W)
1.15
1.14
1.12
1.1
* Hi-Flow® is a registered trademark of the Bergquist Company


Similar Part No. - 574004U00000G

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
574004B00000 AAVID-574004B00000 Datasheet
81Kb / 2P
   For use with TO-202 packages
More results

Similar Description - 574004U00000G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com