Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

574004U00000G Datasheet(PDF) 67 Page - Aavid, Thermal Division of Boyd Corporation

Part No. 574004U00000G
Description  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAVID [Aavid, Thermal Division of Boyd Corporation]
Homepage  https://www.boydcorp.com/aavid.html
Logo 

574004U00000G Datasheet(HTML) 67 Page - Aavid, Thermal Division of Boyd Corporation

Zoom Inzoom in Zoom Outzoom out
 67 / 116 page
background image
67
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
SIPS
ORDERING INFORMATION
7148
Copper channel style slide on heat sink featuring an integrated clip and solderable tabs
Copper channel style slide on
heat sink features an integrated
clip and solderable tabs. Includes
a device retaining tab to securely
hold the heat sink to the device.
Small footprint consumes less
board space.
DETAIL E
A
A
MAX
(0.160)
4.06
E
(0.075)
1.90
(0.050)
1.27
(0.150)
3.81
(0.200)
5.08
(0.380)
9.65
MAX AT BASE
(0.915)
23.24
20.19
(0.795)
2.79 - 3.18
(0.110) - (0.125)
15.24
(0.600)
SECTION A–A
17.78
(0.700)
Part Number
Description
7148DG
Slide on heat sink with integrated clip
2.54 (0.100)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
(0.032)
0.81
(0.230)
5.84
(0.097)
2.46
(1.150)
29.21
(0.390)
9.91
DITTIN
TYP 2
(0.125)
3.18
(1.700)
43.18
(1.250)
31.75
(0.390)
9.91
(0.125)
3.18
ø
TAB
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
02
4
6
8
10
4
3
1
2
0
0
400
200
600
800
1000
Clip on heat sink features louvers
to provide excellent cooling in natural
or forced air convection. Spring action
provides strong clamping force to
securely hold the heat sink to the
device. Available with or without
solderable tabs.
5840
Clip on heat sink featuring louvers
Material: 0.81 (0.032) Thick Copper
Finish: Tin Plated
Material: 1.02 (0.040) Thick Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
584000B00000G
Clip on heat sink. no solderable tabs
584000B03500G
With solderable tabs for vertical mounting
2.84 (0.112)
Dia of PCB
Plated Thru
Hole for Tabs
7038
Channel style slide on heat sink featuring an integrated clip and device retaining tab
Channel style slide on heat sink
features an integrated clip and
device retaining tab to hold the
heat sink to the device. Small foot-
print consumes less board space.
Part Number
Description
7038BG
Channel style slide on heat sink
ORDERING INFORMATION
(0.250)
6.35
(0.915)
23.24
9.65
(0.380)
(0.600)
15.24
A
A
(0.620)
15.75
(0.155)
3.95
13.28
(0.523)
SECTION A–A
1.65
(0.065)
Material: 0.81 (0.032) Thick Aluminum
Finish: Black Anodize
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
For additional options see page 84
Dia of PCB
Plated Thru
Hole for Tabs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn